Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPWF01SA Datasheet(PDF) 4 Page - STMicroelectronics

Part # SPWF01SA
Description  Serial-to-Wi-Fi b/g/n intelligent modules
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPWF01SA Datasheet(HTML) 4 Page - STMicroelectronics

  SPWF01SA Datasheet HTML 1Page - STMicroelectronics SPWF01SA Datasheet HTML 2Page - STMicroelectronics SPWF01SA Datasheet HTML 3Page - STMicroelectronics SPWF01SA Datasheet HTML 4Page - STMicroelectronics SPWF01SA Datasheet HTML 5Page - STMicroelectronics SPWF01SA Datasheet HTML 6Page - STMicroelectronics SPWF01SA Datasheet HTML 7Page - STMicroelectronics SPWF01SA Datasheet HTML 8Page - STMicroelectronics SPWF01SA Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
Digital interface specifications
SPWF01SA, SPWF01SC
4/16
DocID025635 Rev 6
3
Digital interface specifications
Table 3. Digital interface specifications, I/O pins
Parameter
Test condition/comment
Min.
Typ.
Max.
Unit
Inputs
VIH
1.6
-
2.8
V
VIL
0.9
V
Outputs
VOH
IOH=4 mA
2.1
2.5
V
VOL
IOL=4 mA
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com