Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4524 Datasheet(PDF) 4 Page - Active-Semi, Inc

Part # ACT4524
Description  40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4524 Datasheet(HTML) 4 Page - Active-Semi, Inc

  ACT4524 Datasheet HTML 1Page - Active-Semi, Inc ACT4524 Datasheet HTML 2Page - Active-Semi, Inc ACT4524 Datasheet HTML 3Page - Active-Semi, Inc ACT4524 Datasheet HTML 4Page - Active-Semi, Inc ACT4524 Datasheet HTML 5Page - Active-Semi, Inc ACT4524 Datasheet HTML 6Page - Active-Semi, Inc ACT4524 Datasheet HTML 7Page - Active-Semi, Inc ACT4524 Datasheet HTML 8Page - Active-Semi, Inc ACT4524 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
ACT4524
Rev 0, 28-Jul-15
Innovative Power
TM
- 4 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Input over voltage protection
VIN_OVP
Rising
40
42
44
V
Input under voltage lockout (UVLO)
VIN
Rising
4.15
4.5
4.75
V
Input UVLO hysteresis
VIN
300
mV
Output voltage regulation
CSP
5.05
5.10
5.15
V
Output voltage cord compensation
Output current 2.4A
50
mV
Output over voltage protection
5.5
5.7
6.0
V
Output under voltage protection
(UVP)
VOUT
VOUT falling
2.25
2.50
2.75
V
Output constant current limit
CS1
Rcs=25mΩ
2.50
2.65
2.80
A
Output constant current limit
CS2
Rcs=50mΩ
1.1
1.2
1.3
A
Maximum duty cycle
99
%
Soft-start time
2.0
ms
Thermal shut down
160
°C
Thermal shut down hysteresis
30
°C
ESD on CSP, CSN1, CSN2
HBM
2.0
kV
Output over voltage protection
hysteresis
0.3
V
UVP hiccup time
4
s
Output over voltage deglitch time
500
ns
UVP hysteresis
VOUT
VOUT rising
0.2
V
UVP blanking time at startup
3.5
ms
Out voltage ripples
Cout=470uF//22uF ceramic
80
mV
ELECTRICAL CHARACTERISTICS
(VIN = 12V, TA = 25°C, unless otherwise specified.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com