Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4524 Datasheet(PDF) 11 Page - Active-Semi, Inc

Part # ACT4524
Description  40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4524 Datasheet(HTML) 11 Page - Active-Semi, Inc

Back Button ACT4524 Datasheet HTML 7Page - Active-Semi, Inc ACT4524 Datasheet HTML 8Page - Active-Semi, Inc ACT4524 Datasheet HTML 9Page - Active-Semi, Inc ACT4524 Datasheet HTML 10Page - Active-Semi, Inc ACT4524 Datasheet HTML 11Page - Active-Semi, Inc ACT4524 Datasheet HTML 12Page - Active-Semi, Inc ACT4524 Datasheet HTML 13Page - Active-Semi, Inc ACT4524 Datasheet HTML 14Page - Active-Semi, Inc ACT4524 Datasheet HTML 15Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
ACT4524
Rev 0, 28-Jul-15
Innovative Power
TM
- 11 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
BOM List for 5V/4.8A Car Charger
ITEM
REFERENCE
DESCRIPTION
MANUFACTURER
QTY
1
U1,U2
IC, ACT4524, SOP-8EP
Active-Semi
2
2
L1,L2
Inductor, 40µH, 6.0A, 20%, DCR=15mΩ
Murata, TDK
2
3
D1,D2
Diode, Schottky, 40V/5A, S54
Vishay
2
4
C1
Capacitor, Electrolytic, 47uF/35V, 6.3х7mm
Murata, TDK
1
5
C2,C9
Capacitor, Ceramic, 0.1µF/35V, 0805, SMD
Murata, TDK
2
6
C3,C10
Capacitor, Ceramic, 10µF/35V, 1206, SMD
Murata, TDK
2
7
C4,C11
Capacitor, Ceramic, 22nF/25V, 0603, SMD
Murata, TDK
2
8
C5,C12
Capacitor, Ceramic, 2.2nF/10V, 0603, SMD, optional
Murata, TDK
2
9
C6,C13
Capacitor, Ceramic, 10uF/10V, 1206, SMD
Murata, TDK
2
10
C7,C14
Capacitor, Electrolytic, 220uF/10V, 6.3х7mm
Murata, TDK
2
11
C8,C15
Capacitor, Ceramic, 2.2µF/10V, 0805, SMD
Murata, TDK
2
12
R1,R8
Chip Resistor, 0Ω, 1/10W, 5%, 0603
Murata, TDK
2
13
R2,R9
Chip Resistor, 5.1Ω, 1/8W, 5%, 0805, optional
Murata, TDK
3
14
Rcs1,Rcs2
Chip Resistor, 25mΩ, 1/4W, 1%, 1206
Murata, TDK
2
15
R3, R4,R10,R11 Chip Resistor, 49.9kΩ, 1/10W, 5%, 0603
Murata, TDK
4
16
R5, R6,R12,R13 Chip Resistor, 43.2kΩ, 1/10W, 5%, 0603
Murata, TDK
4
18
USB
USB Rev A
2
17
R7
Chip Resistor, 82kΩ, 1/10W, 5%, 0603
Murata, TDK
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com