Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4524 Datasheet(PDF) 9 Page - Active-Semi, Inc

Part # ACT4524
Description  40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4524 Datasheet(HTML) 9 Page - Active-Semi, Inc

Back Button ACT4524 Datasheet HTML 5Page - Active-Semi, Inc ACT4524 Datasheet HTML 6Page - Active-Semi, Inc ACT4524 Datasheet HTML 7Page - Active-Semi, Inc ACT4524 Datasheet HTML 8Page - Active-Semi, Inc ACT4524 Datasheet HTML 9Page - Active-Semi, Inc ACT4524 Datasheet HTML 10Page - Active-Semi, Inc ACT4524 Datasheet HTML 11Page - Active-Semi, Inc ACT4524 Datasheet HTML 12Page - Active-Semi, Inc ACT4524 Datasheet HTML 13Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
ACT4524
Rev 0, 28-Jul-15
Innovative Power
TM
- 9 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
Figure 1:
Typical Application Circuit for 5V/3.4A Car Charger
BOM List for 5V/3.4A Car Charger
ITEM REFERENCE
DESCRIPTION
MANUFACTURER
QTY
1
U1
IC, ACT4524, SOP-8EP
Active-Semi
1
2
C1
Capacitor, Electrolytic, 47uF/35V, 6.3х7mm
Murata, TDK
1
3
C2
Capacitor, Ceramic, 0.1µF/35V, 0805, SMD
Murata, TDK
1
4
C3
Capacitor, Ceramic, 10µF/35V, 1206, SMD
Murata, TDK
1
5
C4
Capacitor, Ceramic, 22nF/25V, 0603, SMD
Murata, TDK
1
6
C5
Capacitor, Ceramic, 2.2nF/10V, 0603, SMD, optional
Murata, TDK
1
7
C6
Capacitor, Ceramic, 10uF/10V, 1206, SMD
Murata, TDK
1
8
C7
Capacitor, Electrolytic, 220uF/10V, 6.3х7mm
Murata, TDK
1
9
C8, C9
Capacitor, Ceramic, 2.2µF/10V, 0805, SMD
Murata, TDK
2
10
L1
Inductor, 33µH, 6.0A, 20%, DCR=15mΩ
Murata, TDK
1
11
D1
Diode, Schottky, 40V/5A, S54
Vishay
1
12
R1
Chip Resistor, 0Ω, 1/10W, 5%, 0603
Murata, TDK
1
13
R2
Chip Resistor, 5.1Ω, 1/8W, 5%, 0805, optional
Murata, TDK
1
14
Rcs1
Chip Resistor, 25mΩ, 1/4W, 1%, 1206
Murata, TDK
1
15
Rcs2
Chip Resistor, 50mΩ, 1/4W, 1%, 1206
Murata, TDK
1
16
R3, R4
Chip Resistor, 49.9kΩ, 1/10W, 5%, 0603
Murata, TDK
2
17
R5, R6
Chip Resistor, 43.2kΩ, 1/10W, 5%, 0603
Murata, TDK
2
18
R7
Chip Resistor, 200Ω, 1/10W, 5%, 0603
Murata, TDK
1
19
USB
USB Rev A
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com