Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4524 Datasheet(PDF) 1 Page - Active-Semi, Inc

Part # ACT4524
Description  40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4524 Datasheet(HTML) 1 Page - Active-Semi, Inc

  ACT4524 Datasheet HTML 1Page - Active-Semi, Inc ACT4524 Datasheet HTML 2Page - Active-Semi, Inc ACT4524 Datasheet HTML 3Page - Active-Semi, Inc ACT4524 Datasheet HTML 4Page - Active-Semi, Inc ACT4524 Datasheet HTML 5Page - Active-Semi, Inc ACT4524 Datasheet HTML 6Page - Active-Semi, Inc ACT4524 Datasheet HTML 7Page - Active-Semi, Inc ACT4524 Datasheet HTML 8Page - Active-Semi, Inc ACT4524 Datasheet HTML 9Page - Active-Semi, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Innovative Power
TM
- 1 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
FEATURES
 40V Input Voltage Surge
 4.5V-36V operational Input Voltage
 Dual 5.1V Outputs with 1% Accuracy
 Up to 3.5A Output Current
 2.65A Constant Current Regulation for VOUT1
 1.2A Constant Current Regulation for VOUT2
 Hiccup Mode Protection at Output Short
 >90% Efficiency at Full Load
 <0.5mA Low Standby Input Current
 5.7V Output Over Voltage Protection
 Cord Voltage Drop Compensation
 Meet EN55022 Class B Radiated EMI Standard
 SOP-8EP Package
APPLICATIONS
 Car Charger
 Cigarette Lighter Adaptor (CLA)
 Rechargeable Portable Device
 CV/CC regulation DC/DC converter
GENERAL DESCRIPTION
ACT4524 is a wide input voltage, high efficiency
step-down DC/DC converter that operates in either
CV (Constant Output Voltage) mode or CC
(Constant Output Current) mode. ACT4524 has
separated output current limits for dual ports CLA
application. With the separated current limits, the
CLA can meet Apple’s MFI standard.
ACT4524 provides up to 3.5A output current at
125kHz switching frequency. ACT4524 utilizes
adaptive drive technique to achieve good EMI
performance while maintain 90% efficiency at full
load for mini size CLA designs.
ACT4524 also has built in hiccup mode output short
circuit protection. The average output current is
reduced to below 6mA when output is shorted to
ground. Other features include output over voltage
protection and thermal shutdown.
ACT4524 is available in a SOP-8EP package and
require very few external components for operation.
ACT4524
40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 0, 28-Jul-15
Typical Application Circuit
Output VI Profile


Similar Part No. - ACT4524

ManufacturerPart #DatasheetDescription
logo
Active-Semi, Inc
ACT4524YH-T ACTIVE-SEMI-ACT4524YH-T Datasheet
1Mb / 16P
40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 1.1, 22-Feb-16
ACT4524 ACTIVE-SEMI-ACT4524_16 Datasheet
1Mb / 16P
40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 1.1, 22-Feb-16
More results

Similar Description - ACT4524

ManufacturerPart #DatasheetDescription
logo
Sparkle Power Inc.
FSP200-63DL12V SPI-FSP200-63DL12V Datasheet
48Kb / 1P
Output over voltage, short circuit, and over current protection
logo
Linear Technology
LTC3114-1 LINER-LTC3114-1_15 Datasheet
356Kb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
logo
Analog Microelectronics
AME5235 AME-AME5235 Datasheet
794Kb / 15P
40V 3.5A Buck Converter
logo
Active-Semi, Inc
ACT4525 ACTIVE-SEMI-ACT4525 Datasheet
1Mb / 11P
40V/3.5A CV/CC Buck Converter with USB Auto ?밆etect
Rev 1.1, December 17th, 2015
ACT4524 ACTIVE-SEMI-ACT4524_16 Datasheet
1Mb / 16P
40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 1.1, 22-Feb-16
ACT4525 ACTIVE-SEMI-ACT4525_17 Datasheet
648Kb / 12P
40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 3, 06-Jan-2017
EA4524YH ACTIVE-SEMI-EA4524YH Datasheet
1Mb / 16P
40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
Rev 1.1, 22-Feb-16
logo
Linear Technology
LTC3114EDHC-1 LINER-LTC3114EDHC-1 Datasheet
477Kb / 6P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Output Current Limit
logo
Analog Devices
LTC3114-1 AD-LTC3114-1 Datasheet
1Mb / 34P
40V, 1A Synchronous Buck-Boost DC/DC Converter with Programmable Output Current
05/20-REV.D
logo
PREMA Semiconductor.
PR4102 PREMA-PR4102 Datasheet
335Kb / 8P
Buck Converter with controlled Output Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com