Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT4524 Datasheet(PDF) 12 Page - Active-Semi, Inc

Part # ACT4524
Description  40V/3.5A Buck Converter with Dual Output and Separated Over Current Protection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACTIVE-SEMI [Active-Semi, Inc]
Direct Link  http://www.active-semi.com
Logo ACTIVE-SEMI - Active-Semi, Inc

ACT4524 Datasheet(HTML) 12 Page - Active-Semi, Inc

Back Button ACT4524 Datasheet HTML 8Page - Active-Semi, Inc ACT4524 Datasheet HTML 9Page - Active-Semi, Inc ACT4524 Datasheet HTML 10Page - Active-Semi, Inc ACT4524 Datasheet HTML 11Page - Active-Semi, Inc ACT4524 Datasheet HTML 12Page - Active-Semi, Inc ACT4524 Datasheet HTML 13Page - Active-Semi, Inc ACT4524 Datasheet HTML 14Page - Active-Semi, Inc ACT4524 Datasheet HTML 15Page - Active-Semi, Inc ACT4524 Datasheet HTML 16Page - Active-Semi, Inc  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
ACT4524
Rev 0, 28-Jul-15
Innovative Power
TM
- 12 -
www.active-semi.com
Copyright © 2015 Active-Semi, Inc.
TYPICAL PERFORMANCE CHARACTERISTICS
(Schematic as show in Figure 1, Ta = 25°C, unless otherwise specified)
Input Voltage (V)
10
15
20
25
30
40
35
Switching Frequency vs. Input Voltage
145
140
135
130
125
120
115
110
Load Current (mA)
0
500
1000
1500
2000
2500
3000
3500
100
85
80
75
70
65
60
95
90
Efficiency vs. Load current
VIN =12V
VIN =16V
VIN =24V
Load Current (mA)
0
500
1000
1500
2000
2500
3000
3500
3.0
2.5
2.0
1.5
1.0
0.5
60
VIN =12V
VIN =16V
VIN =24V
Power Loss vs. Load current
Output1 CC vs. Input Voltage
2650
2640
2630
2620
2610
2600
Input Voltage (V)
8
12
16
20
24
28
32
36
40
Output2 CC vs. Input Voltage
1230
1220
1210
1200
1190
1180
Input Voltage (V)
8
12
16
20
24
28
32
36
40
Standby Current vs. Input Voltage
1.0
0.8
0.6
0.4
0.2
0
Input Voltage (V)
8
12
16
20
24
28
32
40
36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com