Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5250AS-E Datasheet(PDF) 8 Page - STMicroelectronics

Part # VNH5250AS-E
Description  Automotive fully integrated H-bridge motor driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5250AS-E Datasheet(HTML) 8 Page - STMicroelectronics

Back Button VNH5250AS-E Datasheet HTML 4Page - STMicroelectronics VNH5250AS-E Datasheet HTML 5Page - STMicroelectronics VNH5250AS-E Datasheet HTML 6Page - STMicroelectronics VNH5250AS-E Datasheet HTML 7Page - STMicroelectronics VNH5250AS-E Datasheet HTML 8Page - STMicroelectronics VNH5250AS-E Datasheet HTML 9Page - STMicroelectronics VNH5250AS-E Datasheet HTML 10Page - STMicroelectronics VNH5250AS-E Datasheet HTML 11Page - STMicroelectronics VNH5250AS-E Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
Electrical specifications
VNH5250AS-E
8/18
DocID025102 Rev 2
2
Electrical specifications
Figure 3. Current and voltage conventions
2.1
Absolute maximum ratings
Stressing the device above the rating listed in Table 5 may cause permanent damage to the
device. These are stress ratings only and operation of the device at these or any other
conditions above those indicated in the Operating sections of this specification is not
implied. Exposure to Absolute Maximum Rating conditions for extended periods may affect
device reliability.
VCC
INA
IS
IOUTA
IINA
VINA
VCC
VOUTA
ISENSE
VOUTB
DIAGA/ENA
IENA
IGND
IOUTB
INB
IINB
DIAGB/ENB
IENB
VENB
VENA
VINB
VSENSE
OUTA
OUTB
CS
GND
Table 5. Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
Supply voltage
+ 40
V
Imax
Maximum output current (continuous)
Internally limited
A
IR
Reverse output current (continuous)
-15
A
IIN
Input current (INA and INB pins)
+/- 10
mA
IEN
Enable input current (DIAGA/ENA and DIAGB/ENB pins)
+/- 10
mA
VCS
Current sense maximum voltage
VCC-40/+VCC
V
VESD
Electrostatic discharge
(Human body model: R=1.5 k
Ω, C=100 pF)
2kV
Tc
Junction operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
IGND
DC reverse ground pin current
200
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com