Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5250AS-E Datasheet(PDF) 11 Page - STMicroelectronics

Part # VNH5250AS-E
Description  Automotive fully integrated H-bridge motor driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5250AS-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VNH5250AS-E Datasheet HTML 7Page - STMicroelectronics VNH5250AS-E Datasheet HTML 8Page - STMicroelectronics VNH5250AS-E Datasheet HTML 9Page - STMicroelectronics VNH5250AS-E Datasheet HTML 10Page - STMicroelectronics VNH5250AS-E Datasheet HTML 11Page - STMicroelectronics VNH5250AS-E Datasheet HTML 12Page - STMicroelectronics VNH5250AS-E Datasheet HTML 13Page - STMicroelectronics VNH5250AS-E Datasheet HTML 14Page - STMicroelectronics VNH5250AS-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
DocID025102 Rev 2
11/18
VNH5250AS-E
Electrical specifications
17
Table 10. Protections and diagnostics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VUSD
Undervoltage shutdown
3
5
V
VUSDhyst
Undervoltage shutdown
hysteresis
0.5
V
ILIM_H
High-side current limitation
8
12
16
A
ISD_LS
Shutdown LS current
8
15
20
A
VCLPH
High-side clamp voltage (VCC to
OUTA =0 or OUTB =0)
IOUT = 2 A
41
46
52
V
VCLPLS
Low-side clamp voltage
(OUTA =VCC or
OUTB = VCC to GND)
IOUT =2 A
41
46
52
V
TTSD
Thermal shutdown temperature
VIN = 2.1 V
150
175
200
°C
TTR
Thermal reset temperature
135
°C
THYST
Thermal hysteresis (TSD -TR)7
°C
TTSD_LS
Low-side thermal shutdown
temperature
VIN = 2.1 V
150
175
200
°C
VCLP
Total clamp voltage (VCC to GND) IOUT =2 A
41
46
52
V
tSD_LS
Time to shutdown for the low-side
10
µs
Table 11. Current sense (9 V < VCC <18 V)
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
K0
IOUT/ISENSE
IOUT = 0.075 A; VSENSE = 0.5 V;
Tj = -40°C to 150°C
-38
38
%
K1
IOUT/ISENSE
IOUT =0.25 A; VSENSE = 0.5 V;
Tj = -40°C to 150°C
-27
27
%
K2
IOUT/ISENSE
IOUT = 2 A; VSENSE = 1 V;
Tj = -40°C to 150°C
-8
8
%
K3
IOUT/ISENSE
IOUT = 8 A; VSENSE = 4 V;
Tj = -40°C to 150°C
-6
6
%
dK0/K0
(1)
Analog sense
current drift
IOUT = 0.075 A; VSENSE = 0.5 V;
Tj = -40°C to 150°C
-18
18
%
dK1/K1
(1)
Analog sense
current drift
IOUT =0.25 A; VSENSE = 0.5 V;
Tj = -40°C to 150°C
-12
12
%
dK2/K2
(1)
Analog sense
current drift
IOUT = 2 A; VSENSE = 1 V;
Tj = -40°C to 150°C
-8
8
%
dK3/K3
(1)
Analog sense
current drift
IOUT = 8 A; VSENSE = 4 V;
Tj = -40°C to 150°C
-5
5
%
VSENSE
Max analog sense
output voltage
IOUT = 2 A; RSENSE =2 KΩ
5V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com