Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5250AS-E Datasheet(PDF) 12 Page - STMicroelectronics

Part # VNH5250AS-E
Description  Automotive fully integrated H-bridge motor driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5250AS-E Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VNH5250AS-E Datasheet HTML 8Page - STMicroelectronics VNH5250AS-E Datasheet HTML 9Page - STMicroelectronics VNH5250AS-E Datasheet HTML 10Page - STMicroelectronics VNH5250AS-E Datasheet HTML 11Page - STMicroelectronics VNH5250AS-E Datasheet HTML 12Page - STMicroelectronics VNH5250AS-E Datasheet HTML 13Page - STMicroelectronics VNH5250AS-E Datasheet HTML 14Page - STMicroelectronics VNH5250AS-E Datasheet HTML 15Page - STMicroelectronics VNH5250AS-E Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Electrical specifications
VNH5250AS-E
12/18
DocID025102 Rev 2
Figure 4. Definition of the high-side switching times
ISENSE0
Analog sense
leakage current
IOUT = 0 A; VSENSE =0 V; VIN =0 V;
Tj = -40°C to 150°C
05
µA
VIN =5 V; Tj = -40°C to.150°C
0
µA
VIN =5 V; IOUT =2.5 A;
Tj = -40°C to.150°C
05
µA
1.
Analog sense current drift is deviation of factor K for a given device over (-40 °C to 150 °C and
9V < VCC < 18 V) with respect to its value measured at TJ = 25 °C, VCC = 13 V.
Table 11. Current sense (9 V < VCC < 18 V) (continued)
Symbol
Parameter
Test conditions
Min.
Typ. Max.
Unit
t
t
VOUTA
VINA
90%
10%
tD(on)
tD(off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com