Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VNH5250AS-E Datasheet(PDF) 1 Page - STMicroelectronics

Part # VNH5250AS-E
Description  Automotive fully integrated H-bridge motor driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5250AS-E Datasheet(HTML) 1 Page - STMicroelectronics

  VNH5250AS-E Datasheet HTML 1Page - STMicroelectronics VNH5250AS-E Datasheet HTML 2Page - STMicroelectronics VNH5250AS-E Datasheet HTML 3Page - STMicroelectronics VNH5250AS-E Datasheet HTML 4Page - STMicroelectronics VNH5250AS-E Datasheet HTML 5Page - STMicroelectronics VNH5250AS-E Datasheet HTML 6Page - STMicroelectronics VNH5250AS-E Datasheet HTML 7Page - STMicroelectronics VNH5250AS-E Datasheet HTML 8Page - STMicroelectronics VNH5250AS-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
This is preliminary information on a new product foreseen to be developed. Details are subject to change without notice.
September 2013
DocID025102 Rev 2
1/18
VNH5250AS-E
Automotive fully integrated H-bridge motor driver
Datasheet
- target specification
Features
• Output current: 8 A
• 3 V CMOS-compatible inputs
• Undervoltage shutdown
• Overvoltage clamp
• Thermal shutdown
• Cross-conduction protection
• Current and power limitation
• Very low standby power consumption
• Protection against loss of ground and loss of
VCC
• Current sense output proportional to motor
current
• Output protected against short to ground and
short to VCC
• Package: ECOPACK®
Description
The VNH5250AS-E is a full bridge motor driver
intended for a wide range of automotive
applications. The device incorporates a dual
monolithic high-side driver and two low-side
switches.
Both switches are designed using
STMicroelectronics’ well known and proven
proprietary VIPower® M0 technology that allows
to efficiently integrate on the same die a true
Power MOSFET with an intelligent
signal/protection circuitry. The three dies are
assembled in SO-16N package on electrically
isolated leadframes. This package, specifically
designed for the harsh automotive environment
offers improved thermal performance thanks to
exposed die pads. Moreover, its fully symmetrical
mechanical design allows superior
manufacturability at board level. The input signals
INA and INB can directly interface to the
microcontroller to select the motor direction and
the brake condition. The DIAGA/ENA or
DIAGB/ENB, when connected to an external pull-
up resistor, enables one leg of the bridge. Each
DIAGA/ENA provides a feedback digital diagnostic
signal as well. The normal operating condition is
explained in the truth table. The CS pin allows to
monitor the motor current by delivering a current
proportional to its value.
Type
RDS(on)
Iout
VCCmax
VNH5250AS-E
250 m
Ω typ
(per leg)
8A
41 V
SO-16N
GAPGCFT00648
Table 1. Device summary
Package
Order codes
Tube
Tape and reel
SO-16N
VNH5250AS-E
VNH5250ASTR-E
www.st.com


Similar Part No. - VNH5250AS-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH5200AS-E STMICROELECTRONICS-VNH5200AS-E Datasheet
1Mb / 22P
for car body applications
Oct-2013
VNH5200AS-E STMICROELECTRONICS-VNH5200AS-E Datasheet
2Mb / 2P
Fully-protected, eco-friendly motor control solutions
VNH5200AS-E STMICROELECTRONICS-VNH5200AS-E Datasheet
720Kb / 31P
Fully integrated H-bridge motor driver for automotive applications
11-Nov-2015
VNH5200ASTR-E STMICROELECTRONICS-VNH5200ASTR-E Datasheet
720Kb / 31P
Fully integrated H-bridge motor driver for automotive applications
11-Nov-2015
More results

Similar Description - VNH5250AS-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
Rev. 1
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
Automotive fully integrated H-bridge motor driver
15-Nov-2007
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
Automotive fully integrated H-bridge motor driver
22-Dec-2011
VNH2SP30TR-E STMICROELECTRONICS-VNH2SP30TR-E Datasheet
636Kb / 33P
Automotive fully integrated H-bridge motor driver
02-Oct-2008
VNH5019ATR-E STMICROELECTRONICS-VNH5019ATR-E Datasheet
470Kb / 37P
Automotive fully integrated H-bridge motor driver
19-Sep-2013
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
Automotive fully integrated H-bridge motor driver
07-Oct-2015
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
Automotive fully integrated H-bridge motor driver
14-Mar-2019
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
Automotive fully integrated H-bridge motor driver
02-Mar-2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com