Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCS180PS24 Datasheet(PDF) 5 Page - XP Power Limited

Part # GCS180PS24
Description  AC-DC Power Supplies 150/180/250/350 Watts
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS180PS24 Datasheet(HTML) 5 Page - XP Power Limited

  GCS180PS24 Datasheet HTML 1Page - XP Power Limited GCS180PS24 Datasheet HTML 2Page - XP Power Limited GCS180PS24 Datasheet HTML 3Page - XP Power Limited GCS180PS24 Datasheet HTML 4Page - XP Power Limited GCS180PS24 Datasheet HTML 5Page - XP Power Limited GCS180PS24 Datasheet HTML 6Page - XP Power Limited GCS180PS24 Datasheet HTML 7Page - XP Power Limited GCS180PS24 Datasheet HTML 8Page - XP Power Limited GCS180PS24 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
GCS Series
AC-DC Power Supplies
www.xppower.com
Signals & Controls
Figure 6
Remote On/Off (Inhibit)
Figure 8
Thermal Derating Curve
Figure 7
Remote On/Off (Enable)
Characteristic
Notes & Conditions
Remote Sense
Compensates for 0.5 V total voltage drop
Remote On/Off (-R models)
(Standard on GCS350 models)
Inhibit
The inhibit lo (pin 4), should be pulled below 0.4 V to switch V1 & Vfan off. Open circuit or >4 V to
switch on (see fig. 6)
Enable
With the inhibit lo (pin 4) pulled low as detailed above, connecting inhibit hi (pin 5) to inhibit lo (pin 4)
will enable V1 & V fan output. (see fig. 7)
0 V
Inhibit Lo
Pin 4
POWER SUPPLY
Signals Connector
0 V
Inhibit Lo
Pin 4
Inhibit Hi
Pin 5
POWER SUPPLY
Signals Connector
Environmental
Characteristic
Minimum
Typical
Maximum
Units
Notes & Conditions
Operating Temperature
-40
+70
°C
See derating curve, fig. 8
Storage Temperature
-40
+85
°C
Cooling
7
CFM
Forced Cooled >110 W GCS150
Forced Cooled >150 W GCS180
Forced Cooled >180 W GCS250
15
GCS350
Humidity
5
95
%RH
Non-condensing
Operating Altitude
5000
m
Shock
±3 x 30g shocks in each plane, total 18 shocks. 30g =
11ms (+/-0.5msec), half sine. Conforms to EN60068-2-27
& EN60068-2-47
Vibration
Single axis 10 - 500 Hz at 2g sweep and endurance at
resonance in all 3 planes. Conforms to EN60068-2-6
-40
-20
0
+70
+50
50
100
Ambient Temperature (ºC)
0
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com