Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCS180PS24 Datasheet(PDF) 12 Page - XP Power Limited

Part # GCS180PS24
Description  AC-DC Power Supplies 150/180/250/350 Watts
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS180PS24 Datasheet(HTML) 12 Page - XP Power Limited

Back Button GCS180PS24 Datasheet HTML 6Page - XP Power Limited GCS180PS24 Datasheet HTML 7Page - XP Power Limited GCS180PS24 Datasheet HTML 8Page - XP Power Limited GCS180PS24 Datasheet HTML 9Page - XP Power Limited GCS180PS24 Datasheet HTML 10Page - XP Power Limited GCS180PS24 Datasheet HTML 11Page - XP Power Limited GCS180PS24 Datasheet HTML 12Page - XP Power Limited GCS180PS24 Datasheet HTML 13Page - XP Power Limited GCS180PS24 Datasheet HTML 14Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
End Fan (-EF) GCS150/180/250
6.35 (161.3)
1.90
(48.2)
1.10
[27.8]
0.43
(10.8)
2.63
(66.9)
0.84
(21.5)
0.45 (11.4)
0.45 (11.4)
0.25 Faston (Right Angle) Ground Tab
3.48
(88.5)
1.70
(43.2)
0.93
(23.7)
0.76
(19.3)
1.96
(50.0)
0.39
(10.0)
0.39 (10.0)
4.72 (120.0)
4.72 (120.0)
2 x M3 x 0.5 THD
0.16 (4.0) max
screw penetration
4 x M3 x 0.5 THD
0.16 (4.0) max
screw penetration
5.50 (139.7)
Mechanical Details
GCS Series
AC-DC Power Supplies
www.xppower.com
Notes
1. All dimensions in inches (mm).
2. Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
3. J1 mates with Molex Housing Pn. 09-50-1031.
J2 mates with Molex Housing Pn. 09-50-1061
and both with Molex series 5194 crimp
terminals. J4 mates with JST Housing Pn.
PHDR-10VS and with JST SPHD-001T-P0.5 crimp terminals. J3 mates with
Molex Housing Pn. 51191-0200 and with Molex series 50802 crimp terminals.
4. In class II installations the cover is floating and provides 1 x MOPP (2 x MOOP).
5. Weight: 1.30 lbs (0.59 kg)
Output Connector J2
Molex pn. 09-65-2068
Pin
Single Output
1
+V1
2
+V1
3
+V1
4
RTN
5
RTN
6
RTN
Input Connector J1
Molex pn. 09-65-2038
Pin
Function
1
Line
2
Neutral
Signal Connector J4
JST PN B10B-PHDSS
Pin
Single Output
1
+Sense
2
-Sense
3
XP Internal Use
4
Inhibit LO
5
Inhibit HI
6
N/C
7
N/C
8
N/C
9
N/C
10
N/C
Fan Connector J3
Molex pn. 22-04-1021
Pin
Function
1
Fan +(12 V)
2
Fan -
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com