Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCS180PS24 Datasheet(PDF) 11 Page - XP Power Limited

Part # GCS180PS24
Description  AC-DC Power Supplies 150/180/250/350 Watts
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS180PS24 Datasheet(HTML) 11 Page - XP Power Limited

Back Button GCS180PS24 Datasheet HTML 6Page - XP Power Limited GCS180PS24 Datasheet HTML 7Page - XP Power Limited GCS180PS24 Datasheet HTML 8Page - XP Power Limited GCS180PS24 Datasheet HTML 9Page - XP Power Limited GCS180PS24 Datasheet HTML 10Page - XP Power Limited GCS180PS24 Datasheet HTML 11Page - XP Power Limited GCS180PS24 Datasheet HTML 12Page - XP Power Limited GCS180PS24 Datasheet HTML 13Page - XP Power Limited GCS180PS24 Datasheet HTML 14Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
GCS Series
AC-DC Power Supplies
www.xppower.com
Top Fan (-TF)
4.72 (120.0)
5.5 (139.7)
2 x M3 x 0.5 THD
0.16 (4.0) max screw
penetration
0.39
(10.0)
0.93
(23.7)
2.39
(60.7)
3.48
(88,5)
2.64
(67.0)
0.85
(21.6)
0.43
(10.8)
0.45
(11.4)
1.7
(43.2)
2.2
(57.8)
0.45
(11.4)
0.25 Faston
Ground Tab
0.39
(10.0)
1.96
(50.0)
0.76
(19.3)
4.72 (120.0)
4 x M3 x 0.5 THD
0.16 (4.0) max
screw penetration
Mechanical Details
Notes
1. All dimensions in inches (mm).
2. Tolerance .xx = ±0.02 (0.50); .xxx = ±0.01 (0.25)
3. J1 mates with Molex Housing Pn. 09-50-1031.
J2 mates with Molex Housing Pn. 09-50-1061
and both with Molex series 5194 crimp
terminals. J4 mates with JST Housing Pn.
PHDR-10VS and with JST SPHD-001T-P0.5 crimp terminals. J3 mates with
Molex Housing Pn. 51191-0200 and with Molex series 50802 crimp terminals.
4. In class II installations the cover is floating and provides 1 x MOPP (2 x MOOP).
5. Weight: 1.15 lbs (0.52 kg)
Output Connector J2
Molex pn. 09-65-2068
Pin
Single Output
1
+V1
2
+V1
3
+V1
4
RTN
5
RTN
6
RTN
Input Connector J1
Molex pn. 09-65-2038
Pin
Function
1
Line
2
Neutral
Signal Connector J4
JST PN B10B-PHDSS
Pin
Single Output
1
+Sense
2
-Sense
3
XP Internal Use
4
Inhibit LO
5
Inhibit HI
6
N/C
7
N/C
8
N/C
9
N/C
10
N/C
Fan Connector J3
Molex pn. 22-04-1021
Pin
Function
1
Fan +(12 V)
2
Fan -
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com