Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCS180PS24 Datasheet(PDF) 14 Page - XP Power Limited

Part # GCS180PS24
Description  AC-DC Power Supplies 150/180/250/350 Watts
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS180PS24 Datasheet(HTML) 14 Page - XP Power Limited

Back Button GCS180PS24 Datasheet HTML 6Page - XP Power Limited GCS180PS24 Datasheet HTML 7Page - XP Power Limited GCS180PS24 Datasheet HTML 8Page - XP Power Limited GCS180PS24 Datasheet HTML 9Page - XP Power Limited GCS180PS24 Datasheet HTML 10Page - XP Power Limited GCS180PS24 Datasheet HTML 11Page - XP Power Limited GCS180PS24 Datasheet HTML 12Page - XP Power Limited GCS180PS24 Datasheet HTML 13Page - XP Power Limited GCS180PS24 Datasheet HTML 14Page - XP Power Limited  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
GCS Series
AC-DC Power Supplies
www.xppower.com
21-Sept-15
Estimated Service Life vs Component Temperature
In order to ensure safe operation of the PSU in the end-use equipment, the temperature of the components listed in the table below must
not be exceeded. Temperature should be monitored using K type thermocouples placed on the hottest part of the component
(out of direct air flow). See Mechanical Details for component locations.
--
The estimated service life of the GCS Series is determined by the cooling arrangements and load conditions experienced in the end
application. Due to the uncertain nature of the end application this estimated service life is based on the actual measured temperature of a
key capacitors with in the product when installed by the end application. The worst case of the two figures should be taken as the indicative
service life in 24/7 operation.
The graph below expresses the estimated lifetime of a given component temperature and assumes continuous operation at this
temperature.
Temperature Measurements
Component
Max Temperature °C
T1 Coil
120 ° C
L3 Coil
120 ° C
Q1 Body
120 ° C
Q3 Body
120 ° C
C6
105 ° C
C23
105 ° C
Thermal Considerations
Service Life
0
20000
40000
60000
80000
100000
120000
105
95
85
75
65
55
C6 Temperature (°C)
0
10000
20000
30000
40000
50000
60000
70000
105
95
85
75
65
55
C6 Temperature (°C)
5000
25000
45000
65000
85000
105000
125000
145000
165000
185000
105
95
85
75
65
C23 Temperature (°C)
55
GCS150/180
GCS250
GCS350
GCS350
GCS150/180
GCS250
5000
25000
45000
65000
85000
105000
125000
145000
165000
185000
105
95
85
75
65
C6 Temperature (°C)
55
5000
25000
45000
65000
85000
105000
125000
145000
165000
185000
105
95
85
75
65
C23 Temperature (°C)
55
5000
25000
45000
65000
85000
105000
125000
145000
165000
185000
105
95
85
75
65
C23 Temperature (°C)
55



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com