Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GCS180PS24 Datasheet(PDF) 1 Page - XP Power Limited

Part # GCS180PS24
Description  AC-DC Power Supplies 150/180/250/350 Watts
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPPOWER [XP Power Limited]
Direct Link  http://www.xppower.com
Logo XPPOWER - XP Power Limited

GCS180PS24 Datasheet(HTML) 1 Page - XP Power Limited

  GCS180PS24 Datasheet HTML 1Page - XP Power Limited GCS180PS24 Datasheet HTML 2Page - XP Power Limited GCS180PS24 Datasheet HTML 3Page - XP Power Limited GCS180PS24 Datasheet HTML 4Page - XP Power Limited GCS180PS24 Datasheet HTML 5Page - XP Power Limited GCS180PS24 Datasheet HTML 6Page - XP Power Limited GCS180PS24 Datasheet HTML 7Page - XP Power Limited GCS180PS24 Datasheet HTML 8Page - XP Power Limited GCS180PS24 Datasheet HTML 9Page - XP Power Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The GCS Series has been designed to minimise the no load power consumption and maximise
efficiency in order to facilitate equipment design to the latest environmental legislation.
Approved for Class I and Class II applications, this range of single output AC-DC power supplies
are packaged in an industry standard 3.0" x 5.0" x 1.42" package and achieves EN55011/22
Level B emissions compliance whilst maintaining very low earth leakage currents, making them
suitable for a wide range of 1U and other industrial, IT and medical applications.
Dimensions:
GCS150/GCS180/GCS250/GCS350:
5.00 x 3.00 x 1.42” (127.0 x 76.2 x 36.3 mm)
(-C): 5.50 x 3.48 x 1.70” (139.7 x 88.5 x 43.2 mm)
(-TF): 5.50 x 3.48 x 2.20” (139.7 x 88.5 x 57.8 mm)
(-EF): 6.35 x 3.48 x 1.70” (161.3 x 88.5 x 43.2 mm)
(350-EF): 6.00 x 3.50 x 1.75” (152.4 x 88.9 x 44.4 mm)
www.xppower.com
1
Models & Ratings
Notes
1. Add suffix -C for convection cooled cover, e.g. GCS150PS12-C.
2. Add suffix -EF for fan cooled cover with end fan e.g. GCS150PS12-EF. Note Vfan
output no longer available.
3. Add suffix -TF for fan cooled cover with top fan, e.g. GCS150PS12-TF. Note Vfan
output no longer available.
4. Add suffix -R for remote on/off, e.g. GCS150PS12-R, GCS150PS12-RC with
convection cover or GCS150PS12-REF/GCS150PS12-RTF with fan covers,
(remote on/off is standard on GCS350 models).
5. GCS250PS12-C & GCS250PS15-C models derate 20% when convection cooled.
6. GCS350 convection rating quoted at 40 °C, others at 50 °C.
7. GCS350-C models derate 15% when convection-cooled at 40 °C.
8. 7 CFM required to meet stated current for GCS150/180/250 and 15 CFM for GCS350.
Output Voltage V1
Output Current V1
Output Voltage (Vfan)
& Current
Max Output Power
Model Number (1,2,3,4,5)
Convection-cooled(6)
Forced-cooled(8)
12.0 VDC
9.2 A
12.5 A
12.0 VDC/0.6 A
157 W
GCS150PS12
15.0 VDC
7.3 A
10.0 A
12.0 VDC/0.6 A
157 W
GCS150PS15
24.0 VDC
4.6 A
6.3 A
12.0 VDC/0.6 A
157 W
GCS150PS24
28.0 VDC
3.9 A
5.4 A
12.0 VDC/0.6 A
157 W
GCS150PS28
48.0 VDC
2.3 A
3.2 A
12.0 VDC/0.6 A
157 W
GCS150PS48
12.0 VDC
12.5 A
15.0 A
12.0 VDC/0.6 A
187 W
GCS180PS12
15.0 VDC
10.0 A
12.0 A
12.0 VDC/0.6 A
187 W
GCS180PS15
24.0 VDC
6.3 A
7.5 A
12.0 VDC/0.6 A
187 W
GCS180PS24
28.0 VDC
5.4 A
6.4 A
12.0 VDC/0.6 A
187 W
GCS180PS28
48.0 VDC
3.1 A
3.7 A
12.0 VDC/0.6 A
187 W
GCS180PS48
12.0 VDC
15.0 A
18.8 A
12.0 VDC/0.6 A
232 W
GCS250PS12
15.0 VDC
12.0 A
15.0 A
12.0 VDC/0.6 A
232 W
GCS250PS15
24.0 VDC
7.5 A
10.4 A
12.0 VDC/0.6 A
257 W
GCS250PS24
28.0 VDC
6.4 A
8.9 A
12.0 VDC/0.6 A
257 W
GCS250PS28
48.0 VDC
3.7 A
5.2 A
12.0 VDC/0.6 A
257 W
GCS250PS48
56.0 VDC
3.2 A
4.5 A
12.0 VDC/0.6 A
257 W
GCS250PS56
12.0 VDC
16.7 A
29.2 A
12.0 VDC/0.6 A
350 W
GCS350PS12
15.0 VDC
13.3 A
23.4 A
12.0 VDC/0.6 A
350 W
GCS350PS15
24.0 VDC
8.3 A
14.6 A
12.0 VDC/0.6 A
350 W
GCS350PS24
28.0 VDC
7.1 A
12.5 A
12.0 VDC/0.6 A
350 W
GCS350PS28
48.0 VDC
4.2 A
7.3 A
12.0 VDC/0.6 A
350 W
GCS350PS48
56.0 VDC
3.6 A
6.25 A
12.0 VDC/0.6 A
350 W
GCS350PS56
GCS Series
AC-DC Power Supplies
• Convection/Forced-cooled Ratings
• Universal 85 - 264 VAC Input
• IT & Medical Safety Approvals (Class I & II)
• < 0.5 W Standby Power (150 & 180 Models)
• -40° C to +70° C Operation
• Remote On/Off
• Class B Emissions
• 3 Year Warranty
150/180/250/350 Watts
The series has single output versions from 12 V to 56 VDC, dual-fusing for compliance with IEC60601-1 and feature minimal excess heat
generation as efficiencies reach 94%. They will deliver up to 350 W of power over an operating range of -40 °C and up to +70 °C and are
available with a number of cover options.


Similar Part No. - GCS180PS24

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
GCS180PS24 XPPOWER-GCS180PS24 Datasheet
370Kb / 4P
Convection/Forcedcooled Ratings
More results

Similar Description - GCS180PS24

ManufacturerPart #DatasheetDescription
logo
Powerbox
PSE250 POWERBOX-PSE250 Datasheet
235Kb / 2P
150 - 250 WATTS DC/DC SINGLE OUTPUT
logo
Power Systems GmbH+Co.K...
VEG120A-190X POWER-SYSTEMS-VEG120A-190X Datasheet
362Kb / 2P
AC-DC Power Supplies 120 WATTS
logo
Tumbler Technologies + ...
TMC150 TRUMPOWER-TMC150 Datasheet
82Kb / 2P
150 Watts AC/DC Medical & ITE Grade Power Supplies
logo
Artesyn Technologies
CPS253-M ARTESYN-CPS253-M Datasheet
2Mb / 7P
250 Watt AC-DC Power Supplies
logo
XP Power Limited
GCU500 XPPOWER-GCU500_18 Datasheet
1Mb / 9P
AC-DC Power Supplies 500 Watts
SMP350 XPPOWER-SMP350 Datasheet
959Kb / 6P
AC-DC Power Supplies 350 Watts
VCE03 XPPOWER-VCE03_18 Datasheet
602Kb / 4P
AC-DC Power Supplies 3 Watts
VCE05 XPPOWER-VCE05_17 Datasheet
572Kb / 4P
AC-DC Power Supplies 5 Watts
VCE10 XPPOWER-VCE10_18 Datasheet
594Kb / 4P
AC-DC Power Supplies 10 Watts
logo
Sparkle Power Inc.
FSP350-70MU SPI-FSP350-70MU Datasheet
116Kb / 1P
350 Watts MEDICAL POWER SUPPLIES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com