Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699SPC Datasheet(PDF) 32 Page - Aeroflex Circuit Technology

Part # UT699SPC
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SPC Datasheet(HTML) 32 Page - Aeroflex Circuit Technology

Back Button UT699SPC Datasheet HTML 28Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 29Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 30Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 31Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 32Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 33Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 34Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 35Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 36Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
32
Figure 14. Ethernet MDIO Interface Timing
4.8 Test Conditions for Timing Specifications
Figure 15. Equivalent Load Circuit for Timing Characteristics Tests
CL = 50 pF for ATE test load
CL =15 pF for benchtop test load
t30
t29
t28
EMDC
EMDIO (Output)
EMDIO (Input)
VDD
VDD
CL





Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com