Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699SPC Datasheet(PDF) 15 Page - Aeroflex Circuit Technology

Part # UT699SPC
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SPC Datasheet(HTML) 15 Page - Aeroflex Circuit Technology

Back Button UT699SPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 17Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 18Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 19Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 41 page
background image
15
3.0 AC and DC Electrical Specifications
3.1 Absolute Maximum Ratings
1
Notes:
1. Stresses greater than those listed in the following table can result in permanent damage to the device. These parameters cannot be violated.
2. Per MIL-STD-883, Method 1012, Section 3.4.1, PD = (TJ(max)-Tc(max))/JC
3. Maximum junction temperature may be increased to 175
oC during burn-in and steady-static life testing.
Symbol
Description
Min
Max
Units
VDDC
Core supply voltage
-0.3
3.6
V
VDD
I/O supply voltage
-0.3
4.3
V
VIN
Input voltage any pin
VSS - 0.3
VDD + 0.3
V
PD
2
Maximum power dissipation permitted @
TC = 105
oC
--
9
W
TJ
3
Junction temperature
--
150
oC
JC
Thermal resistance, junction to case
352 CQFP
--
5
oC/W
484 CLGA/CCGA/CBGA
--
5
TSTG
Storage temperature
-65
150
oC
ESDHBM
ESD protection (human body model) Class 2
2000
--
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com