Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699SPC Datasheet(PDF) 12 Page - Aeroflex Circuit Technology

Part # UT699SPC
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SPC Datasheet(HTML) 12 Page - Aeroflex Circuit Technology

Back Button UT699SPC Datasheet HTML 8Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 9Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 10Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 11Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 12Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 13Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 16Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
12
2.15 PCI Control Signals
Notes:
1. This pin must be tied to VDD through a pull-up resistor as specified in the PCI Local Bus Specification Revision 2.1 Section 4.3.3.
PCI_AD[31]
PCI-I/O
327
C1
high-Z
Bit 31 of PCI address and data bus
Pin Name
Direction
Pin Number
Reset
Value
Description
352 CQFP
484 CLGA
PCI_RST
PCI-I
265
C3
--
PCI reset input
PCI_CLK
PCI-I
293
C2
--
PCI clock input
PCI_C/BE[0]
PCI-I/O
275
V1
high-Z
PCI bus command and byte enable
PCI_C/BE[1]
PCI-I/O
289
P2
high-Z
PCI bus command and byte enable
PCI_C/BE[2]
PCI-I/O
302
H1
high-Z
PCI bus command and byte enable
PCI_C/BE[3]
PCI-I/O
316
G2
high-Z
PCI bus command and byte enable
PCI_PAR
PCI-I/O
290
P1
high-Z
PCI parity checkbit
PCI_FRAME1
PCI-3
301
L1
high-Z
PCI cycle frame indicator
PCI_IRDY1
PCI-3
300
L2
high-Z
PCI initiator ready indicator
PCI_TRDY1
PCI-3
299
M1
high-Z
PCI target ready indicator
PCI_STOP1
PCI-3
295
N1
high-Z
PCI target stop request
PCI_DEVSEL1
PCI-3
296
M2
high-Z
PCI device select
PCI_IDSEL
PCI-I
315
G3
--
PCI initialization device select
PCI_REQ
PCI-O
329
A4
high-Z
PCI request to arbiter in point to point con-
figuration
PCI_GNT
PCI-I
328
B2
--
PCI bus access indicator in point to point
configuration
PCI_HOST
PCI-I
330
AB3
--
PCI host enable input (Connect to SYSEN in
PCI bus)
Pin Name
Direction
Pin Number
Reset
Value
Description
352 CQFP
484 CLGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com