Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699SPC Datasheet(PDF) 33 Page - Aeroflex Circuit Technology

Part # UT699SPC
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SPC Datasheet(HTML) 33 Page - Aeroflex Circuit Technology

Back Button UT699SPC Datasheet HTML 29Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 30Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 31Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 32Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 33Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 34Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 35Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 36Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 37Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
33
5.0 Operational Environment
The UT699 processor includes the following SEU mitigation features:
* Register file SEU error-correction of up to 1 error per 32-bit word
* Cache memory error-detection of up to 4 errors per tag or 32-bit word
* Autonomous and software transparent error handling
* No timing impact due to error detection or correction.
Notes:
1. The UT699 is latchup immune to particle LETs >108 MeV-cm2/mg.
2. Worst case temperature and voltage of TC = +105
oC, V
DD = 3.6V, VDDC = 2.7V.
3. Contact factory for error rate information.
Table 1. Operational Environment
Parameter
Limit
Units
Total Ionizing Dose (TID)
3E5
rads(Si)
Single Event Latchup (SEL) 1, 2
>108
MeV-cm2/mg
Neutron Fluence
1.0E14
n/cm2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com