Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT699SPC Datasheet(PDF) 18 Page - Aeroflex Circuit Technology

Part # UT699SPC
Description  UT699 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT699SPC Datasheet(HTML) 18 Page - Aeroflex Circuit Technology

Back Button UT699SPC Datasheet HTML 14Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 15Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 16Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 17Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 18Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 19Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 20Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 21Page - Aeroflex Circuit Technology UT699SPC Datasheet HTML 22Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 41 page
background image
18
3.4 DC Characteristics for LVCMOS3 Inputs (pre- and post-radiation)
(VDD = 3.3V + 0.3V; VDDC = 2.5V + 0.2V; TC = -40
oC to 105oC)
Notes:
1. Capacitance is measured for initial qualification and when design changes might affect the input/output capacitance.
Symbol
Description
Conditions
Min
Max
Units
VIH
High-level input voltage
0.7VDD
--
V
VIL
Low-level input voltage
--
0.3VDD
V
VT+
Positive going threshold volt-
age for Schmitt inputs
--
0.7VDD
V
VT-
Negative going threshold
voltage for Schmitt inputs
0.3VDD
--
V
VH
Hysteresis voltage for
Schmitt inputs
0.4
--
V
IIN
Input leakage current
VIN = VDD
--
1
A
VIN = VSS
-1
--
CIN
1
Input pin capacitance
f = 1MHz; VDD = 0V,
VDDC = 0V
352 CQFP
--
19
pF
484 CLGA
--
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com