Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT700 Datasheet(PDF) 33 Page - Aeroflex Circuit Technology

Part # UT700
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700 Datasheet(HTML) 33 Page - Aeroflex Circuit Technology

Back Button UT700 Datasheet HTML 29Page - Aeroflex Circuit Technology UT700 Datasheet HTML 30Page - Aeroflex Circuit Technology UT700 Datasheet HTML 31Page - Aeroflex Circuit Technology UT700 Datasheet HTML 32Page - Aeroflex Circuit Technology UT700 Datasheet HTML 33Page - Aeroflex Circuit Technology UT700 Datasheet HTML 34Page - Aeroflex Circuit Technology UT700 Datasheet HTML 35Page - Aeroflex Circuit Technology UT700 Datasheet HTML 36Page - Aeroflex Circuit Technology UT700 Datasheet HTML 37Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 46 page
background image
33
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
4.5 Timing Characteristics SpaceWire Interface
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55
oC to 105oC)
Notes:
1. The SPW_CLK frequency must be less than or equal to 10x the SYSCLK frequency. For example, if SPW_CLK is running at 200MHz, the SYSCLK frequency
must be greater than or equal to 20MHz.
2. Functionally tested.
3. Applies to both high pulse and low pulse.
4. A unit interval (UI) is defined as the nominal, or ideal, bit width.
5. Guaranteed by design.
6. The SPW_CLK period must be less than or equal to the minimum receive data/strobe bit width.
Figure 8. SpaceWire Transmit Timing Diagram
Figure 9. SpaceWire Receive Timing Diagram
Symbol
Description
Min
Max
Units
t11 1,2
SPW_CLK period
5
--
ns
t14 3,4,5
Transmit data and strobe bit width variation
(SPW_TXD[3:0] and SPW_TXS[3:0])
UI-600
UI+600
ps
t15 5,6
Receive data and strobe bit width
(SPW_RXD[3:0] and SPW_RXS[3:0])
5--
ns
t16 5
Receive data and strobe edge separation
(SPW_RXD[3:0] and SPW_RXS[3:0])
1/2*t11 + 0.5
--
ns
t14
t14
t11
SPW_CLK
SPW_TXD
SPW_TXS
t15
t16
t16
t15
SPW_RXD
SPW_RXS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com