Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT700 Datasheet(PDF) 37 Page - Aeroflex Circuit Technology

Part # UT700
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700 Datasheet(HTML) 37 Page - Aeroflex Circuit Technology

Back Button UT700 Datasheet HTML 33Page - Aeroflex Circuit Technology UT700 Datasheet HTML 34Page - Aeroflex Circuit Technology UT700 Datasheet HTML 35Page - Aeroflex Circuit Technology UT700 Datasheet HTML 36Page - Aeroflex Circuit Technology UT700 Datasheet HTML 37Page - Aeroflex Circuit Technology UT700 Datasheet HTML 38Page - Aeroflex Circuit Technology UT700 Datasheet HTML 39Page - Aeroflex Circuit Technology UT700 Datasheet HTML 40Page - Aeroflex Circuit Technology UT700 Datasheet HTML 41Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 46 page
background image
37
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
4.7 Timing Characteristics for MIL-STD-1553 Interface2
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55
oC to 105oC)
Notes:
1. All outputs are measured using the load conditions shown in Figure 17.
2. The 1553RXA, 1553RXA, 1553RXB and 1553RXB inputs are resynchronized internally.
Figure 15. MIL-STD-1553 Interface Timing
Symbol
Description
Conditions
Min
Max
Units
t311
1553CLK
↑ to output valid
(1553RXENA, 1553RXENB, 1553TX-
INHA, 1553TXINHB, 1553TXA,
1553TXA, 1553TXB, and 1553TXB)
--
20
ns
t31
1553CLK
All Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com