Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT700 Datasheet(PDF) 18 Page - Aeroflex Circuit Technology

Part # UT700
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700 Datasheet(HTML) 18 Page - Aeroflex Circuit Technology

Back Button UT700 Datasheet HTML 14Page - Aeroflex Circuit Technology UT700 Datasheet HTML 15Page - Aeroflex Circuit Technology UT700 Datasheet HTML 16Page - Aeroflex Circuit Technology UT700 Datasheet HTML 17Page - Aeroflex Circuit Technology UT700 Datasheet HTML 18Page - Aeroflex Circuit Technology UT700 Datasheet HTML 19Page - Aeroflex Circuit Technology UT700 Datasheet HTML 20Page - Aeroflex Circuit Technology UT700 Datasheet HTML 21Page - Aeroflex Circuit Technology UT700 Datasheet HTML 22Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 46 page
background image
18
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
3.2 Recommended Operating Conditions
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55°C to 105°C)
3.3 Operational Environment
The UT700 processor includes the following SEU mitigation features:
* Cache memory error-detecting of up to 4 errors per tag or 32-bit word
* Autonomous and software transparent error handling
* No timing impact due to error detection or correction
Notes:
1. TID irradation per MIL-STD-883, Test Method 1019, condition A. Post irradiation electrical testing performed at room temperature.
2. Worst case temperature of TC = +105
oC, V
DD = 3.6V, VDD = 1.3V.
3. Contact factory for additional information regarding the determination of the inherent and multiple-bit upset rates.
4. The error rate calculation was performed using SpaceRad 6.0 for a Geosynchronous orbit in the Adams 90% worst-case environment with 100mil Al shielding.
Symbol
Description
Min
Max
Units
VDDC
Core supply voltage
1.1
1.3
V
VDD
I/O supply voltage
3.0
3.6
V
VIN
Input voltage any pin
0
VDD
V
TC
Case operating temperature
-55
105
oC
tR
Rise time, all CMOS and PCI inputs
(0.1VDD to 0.9VDD)
--
20
ns
tF
Fall time, all CMOS and PCI inputs
(0.9VDD to 0.1VDD)
--
20
ns
PARAMETER
LIMIT
UNITS
Total Ionizing Dose (TID) 1
1E5
rad (Si)
Single Event Latchup Immune (SEL) 2
<110
MeV-cm2/mg
Single Event Upset (SEU) 3, 4
Inherent register upset rate
5.2E-7
errors/device-day
Single Event Upset (SEU) 3, 4
Multiple-bit error (MBE) rate which over-
comes internal error detection & correction
architecture
2.8E-11
MBE/device-day



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com