Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT700 Datasheet(PDF) 21 Page - Aeroflex Circuit Technology

Part # UT700
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700 Datasheet(HTML) 21 Page - Aeroflex Circuit Technology

Back Button UT700 Datasheet HTML 17Page - Aeroflex Circuit Technology UT700 Datasheet HTML 18Page - Aeroflex Circuit Technology UT700 Datasheet HTML 19Page - Aeroflex Circuit Technology UT700 Datasheet HTML 20Page - Aeroflex Circuit Technology UT700 Datasheet HTML 21Page - Aeroflex Circuit Technology UT700 Datasheet HTML 22Page - Aeroflex Circuit Technology UT700 Datasheet HTML 23Page - Aeroflex Circuit Technology UT700 Datasheet HTML 24Page - Aeroflex Circuit Technology UT700 Datasheet HTML 25Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 46 page
background image
21
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
3.6 DC Characteristics for LVCMOS3 Outputs (pre- and post-radiation)
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55
oC to 105oC)
Notes:
1. JTAG outputs are not tested.
2. Except open-drain output.
3. Guaranteed by design.
4. Capacitance is measured for initial qualification and when design changes might affect the input/output capacitance.
Symbol
Description
Conditions
Min
Max
Units
VOL1
1
Low-level output voltage
(All outputs except those listed below and in
Section 3.8)
IOL = 100μA--
0.25
V
IOL = 4mA
--
0.4
VOH1
1,2
High-level output voltage
(All outputs except those listed below and in
Section 3.8)
IOH = -100μAVDD-0.25
--
V
IOH = -4mA
2.4
--
VOL2
Low-level output voltage
(GPIO[15:0], SPW_TXD[3:0],
SPW_TXS[3:0], TXD)
IOL = 100μA--
0.25
V
IOL = 12mA
--
0.4
VOH2
High-level output voltage
(GPIO[15:0], SPW_TXD[3:0],
SPW_TXS[3:0], TXD)
IOH = -100μAVDD-0.25
--
V
IOH = -12mA
2.4
--
VOL3
Low-level output voltage
(WRITE, OE, IOS, ROMS[1:0], RWE [3:0],
RAMOE [4:0], RAMS[4:0], SDCS[1:0],
SDRAS, SDCAS, SDWE, SDCLK, READ,
SDDQM[3:0], ADDR[27:0], DATA[31:0]
and CB[15:0])
IOL = 100μA--
0.25
V
IOL = 24mA
--
0.4
VOH3
High-level output voltage
(WRITE, OE, IOS, ROMS[1:0], RWE [3:0],
RAMOE [4:0], RAMS[4:0], SDCS[1:0],
SDRAS, SDCAS, SDWE, SDCLK, READ,
SDDQM[3:0], ADDR[27:0], DATA[31:0]
and CB[15:0])
IOH = -100μAVDD-0.25
--
V
IOH = -24mA
2.4
--
VOL4
Low-level output voltage
(SPICLK, SPIMOSI, SPISLVSEL)
IOL = 100μA--
0.25
V
IOL = 8mA
--
0.4
VOH4
High-level output voltage
(SPICLK, SPIMOSI, SPISLVSEL)
IOH = -100μAVDD-0.25
--
V
IOH = -8mA
2.4
--
IOZ
Three-state output current
VO = VDD
-10
10
μA
VO = VSS
-10
10
IOS
3
Short-circuit output current
(All outputs except PCI outputs)
VO = VDD; VDD = 3.6V
--
130
mA
VO = VSS; VDD = 3.6V
-65
--
COUT
4
Output pin capacitance
f = 1MHz; VDD = 0V,
VDDC = 0V
--
16
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com