Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT700 Datasheet(PDF) 38 Page - Aeroflex Circuit Technology

Part # UT700
Description  UT700 32-bit Fault-Tolerant SPARCTM V8/LEON 3FT Processor
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT700 Datasheet(HTML) 38 Page - Aeroflex Circuit Technology

Back Button UT700 Datasheet HTML 34Page - Aeroflex Circuit Technology UT700 Datasheet HTML 35Page - Aeroflex Circuit Technology UT700 Datasheet HTML 36Page - Aeroflex Circuit Technology UT700 Datasheet HTML 37Page - Aeroflex Circuit Technology UT700 Datasheet HTML 38Page - Aeroflex Circuit Technology UT700 Datasheet HTML 39Page - Aeroflex Circuit Technology UT700 Datasheet HTML 40Page - Aeroflex Circuit Technology UT700 Datasheet HTML 41Page - Aeroflex Circuit Technology UT700 Datasheet HTML 42Page - Aeroflex Circuit Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
38
36-00-00-000
Ver. 1.3.1
Aeroflex Microelectronics Solutions - HiRel
4.7 Timing Characteristics for SPI2
(VDD = 3.3V + 0.3V; VDDC = 1.2V + 0.1V; TC = -55
oC to 105oC)
Notes:
1. All outputs are measured using the load conditions shown in Figure 17.
2. The SPIMISO input is resynchronized internally.
Figure 16. Serial Peripheral Interface (SPI) Timing
Symbol
Description
Conditions
Min
Max
Units
t321
SPICLK
↑ to output valid
(SPIMOSI)
-2
2
ns
t32
t32
SPICLK
SPIMOSI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com