Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1524 Datasheet(PDF) 16 Page - Integrated Circuit Systems

Part # ICS1524
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524 Datasheet(HTML) 16 Page - Integrated Circuit Systems

Back Button ICS1524 Datasheet HTML 12Page - Integrated Circuit Systems ICS1524 Datasheet HTML 13Page - Integrated Circuit Systems ICS1524 Datasheet HTML 14Page - Integrated Circuit Systems ICS1524 Datasheet HTML 15Page - Integrated Circuit Systems ICS1524 Datasheet HTML 16Page - Integrated Circuit Systems ICS1524 Datasheet HTML 17Page - Integrated Circuit Systems ICS1524 Datasheet HTML 18Page - Integrated Circuit Systems ICS1524 Datasheet HTML 19Page - Integrated Circuit Systems ICS1524 Datasheet HTML 20Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
ICS1524
16
ICS1524 Rev C 01/31/2003
PECL Outputs
For information on using the ICS1524’s PECL output pins, please refer to Application Note 4: Designing a Custom
PECL Interface for the ICS1523
SSTL_3 Outputs
Unterminated Outputs
In the ICS1524, unterminated SSTL_3 output pins display exponential transitions similar to those of rectangular
pulses presented to RC loads. The 10-90% rise time is typically 1.6 ns, and the corresponding fall time is typically
700 ps. In turn, this asymmetry contributes to duty cycle asymmetry at higher output frequencies. In the absence of
significant load capacitance (which can further increase rise and fall time), this asymmetry is the dominant factor
determining high-frequency performance of these single-ended outputs. Typically, no termination is required either
for the LOCK/REF, FUNC, and CLK/2 outputs or for CLK outputs up to approximately 135 MHz.
Terminated Outputs
SSTL_3 outputs are intended to terminate in low impedances to reduce the effect of external circuit capacitance.
Use of transmission line techniques enables use of longer traces between source and driver without increasing ring-
ing due to reflections. Where external capacitance is minimal and substantial voltage swing is required to meet
LVTTL VIH and VOL requirements, the intrinsic rise and fall times of ICS1524 SSTL outputs are only slightly improved
by termination in a low impedance.
The ICS1524 SSTL output source impedance is typically less than 60 Ohms. Termination impedance of 100 Ohms
reduces output swing by less than 30% which is more than enough to drive a single load of LVTTL inputs.
For more information on using the ICS1524’s SSTL output pins, please refer to Application Note 3: Using SSTL_3
Outputs with CMOS or LVTTL Inputs
ICS1524
VDD
SSTL-3 Output
330
Ω
150
Ω
Single
LVTTL
Load



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com