Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1524 Datasheet(PDF) 7 Page - Integrated Circuit Systems

Part # ICS1524
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524 Datasheet(HTML) 7 Page - Integrated Circuit Systems

Back Button ICS1524 Datasheet HTML 3Page - Integrated Circuit Systems ICS1524 Datasheet HTML 4Page - Integrated Circuit Systems ICS1524 Datasheet HTML 5Page - Integrated Circuit Systems ICS1524 Datasheet HTML 6Page - Integrated Circuit Systems ICS1524 Datasheet HTML 7Page - Integrated Circuit Systems ICS1524 Datasheet HTML 8Page - Integrated Circuit Systems ICS1524 Datasheet HTML 9Page - Integrated Circuit Systems ICS1524 Datasheet HTML 10Page - Integrated Circuit Systems ICS1524 Datasheet HTML 11Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
7
ICS1524
ICS1524 Rev C 01/31/2003
Name:
Loop Control Register
Register:
1h
Index:
Read / Write*
Bit Name Bit # Reset Value Description
PFD0-2
0 - 2
0
Phase Frequency Detector Gain
Reserved
3
0
Reserved
PSD 0-1
4 - 5
0
Post-Scaler Divider
Reserved
6 -7
0
Reserved
Bit
Name
Description
0-2
PFD0-2
Phase/Frequency Detector Gain
3
Reserved
4-5
PSD 0-1
Post-Scaler Divider — Divides the output of the VCO to the DPA and Feedback Divider.
6-7
Reserved
*Double-buffered register. Actual working registers are loaded during software PLL reset.
See register 8h for details.
2
t
i
B1
t
i
B0
t
i
B2
/
A
µ
(
n
i
a
G
D
F
P
π
)
d
a
r
000
1
00
1
2
01
0
4
01
1
8
10
0
6
1
10
1
2
3
11
0
4
6
111
8
2
1
5
t
i
B4
t
i
Br
e
d
i
v
i
D
D
S
P
00
)
t
l
u
a
f
e
d
(
2
01
4
10
8
11
6
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com