Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1524 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICS1524
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICS1524 Datasheet HTML 1Page - Integrated Circuit Systems ICS1524 Datasheet HTML 2Page - Integrated Circuit Systems ICS1524 Datasheet HTML 3Page - Integrated Circuit Systems ICS1524 Datasheet HTML 4Page - Integrated Circuit Systems ICS1524 Datasheet HTML 5Page - Integrated Circuit Systems ICS1524 Datasheet HTML 6Page - Integrated Circuit Systems ICS1524 Datasheet HTML 7Page - Integrated Circuit Systems ICS1524 Datasheet HTML 8Page - Integrated Circuit Systems ICS1524 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
Integrated
Circuit
Systems, Inc.
General Description
Features
ICS1524
ICS1524 Rev C 01/31/2003
Block Diagram
Dual Output Phase Controlled SSTL_3/PECL Clock Generator
•
Wide input frequency range
• 8 kHz to 100 MHz
•
250 MHz balanced PECL differential outputs
•
150 MHz single-ended SSTL_3 clock outputs
•
Dynamic Phase Adjust (DPA) for DPACLK
outputs
• Software controlled phase adjustment
• 360o Adjustment down to 1/64 clock
increments
•
External or internal loop filter selection
•
Uses 3.3 VDC Inputs are 5 volt tolerant.
•I2C-bus serial interface runs at either low speed
(100 kHz) or high speed (400 kHz).
•
Hardware and Software PLL Lock detection
The ICS1524 is a low-cost, very high-performance
frequency generator and phase controlled clock synthe-
sizer. It is perfectly suited to phase controlled clock
synthesis and distribution as well as line-locked and
genlocked applications.
The ICS1524 offers two channels of clock phase con-
trolled outputs; CLK and DPACLK. These two output
channels have both 250 MHz PECL differential and 150
MHz SSTL_3 single-ended output pins. The CLK output
channel has a fixed phase relationship to the PLL’s input
and the DPACLK uses the Dynamic Phase Adjust cir-
cuitry to allow control of the clock phase relative to input
signal.
Optionally, the CLK outputs can operate at half the clock
rate and phase aligned with the DPACLK channel, en-
abling deMUXing of multiplexed analog-to-digital
converters. The FUNC pin provides either the regener-
ated input from the phase-locked loop (PLL) divider
chain output or a re-synchronized and sharpened input
HSYNC.
The advanced PLL uses either its internal program-
mable feedback divider or an external divider and is
programmed by a standard I2C-bus™ serial interface.
I
2
C-bus is a trademark of Philips Corporation.
ICS reserves the right to make changes in the device data identified in this
publication without further notice. ICS advises its customers to obtain the
latest version of all device data to verify that any information being relied
upon by the customer is current and accurate.
Applications
•
Generic Frequency Synthesis
•
LCD Monitors and Projectors
•
Genlocking Multiple Video Systems
HSYNC
OSC
IC
2
DPACLK+/-
FUNC
DPACLK
Loop
Filter
CLK+/-
CLK
Pin Configuration
24 Pin 300-mil SOIC
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
VDDD
VSSD
SDA
SCL
PDEN
EXTFB
HSYNC
EXTFIL
XFILRET
VDDA
VSSA
OSC
IREF
CLK+
(PECL)
C
VSSQ
VDDQ
CLK
(SSTL)
CLK
(SSTL)
FUNC
(SSTL)
LOCK/REF (SSTL)
ICADR
LK–
(PECL)
DPACLK+ (PECL)
DPACLK– (PECL)
DPA
2


Similar Part No. - ICS1524

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ICS1524A RENESAS-ICS1524A Datasheet
786Kb / 25P
Dual Output Phase Controlled SSTL_3/PECL Clock Generator
2019
ICS1524AMLF RENESAS-ICS1524AMLF Datasheet
786Kb / 25P
Dual Output Phase Controlled SSTL_3/PECL Clock Generator
2019
ICS1524AMLFT RENESAS-ICS1524AMLFT Datasheet
786Kb / 25P
Dual Output Phase Controlled SSTL_3/PECL Clock Generator
2019
More results

Similar Description - ICS1524

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8720AV NPC-SM8720AV Datasheet
117Kb / 6P
3-PLL Multi-Output Clock Generator
SM8721AB NPC-SM8721AB Datasheet
83Kb / 8P
3-PLL Multi-Output Clock Generator
logo
Cypress Semiconductor
CY2213 CYPRESS-CY2213_12 Datasheet
496Kb / 16P
High Frequency Programmable PECL Clock Generator
logo
Silicon Laboratories
SI52112-B5 SILABS-SI52112-B5 Datasheet
1Mb / 20P
PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
logo
Pericom Semiconductor C...
PI6LC48P03 PERICOM-PI6LC48P03 Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P03A PERICOM-PI6LC48P03A Datasheet
1Mb / 10P
3-Output LVPECL Networking Clock Generator
PI6LC48P0301 PERICOM-PI6LC48P0301 Datasheet
1Mb / 12P
3-Output LVPECL Networking Clock Generator
PI6LC48P0301A PERICOM-PI6LC48P0301A Datasheet
1Mb / 12P
3-Output LVPECL Networking Clock Generator
logo
Renesas Technology Corp
ICS1524A RENESAS-ICS1524A Datasheet
786Kb / 25P
Dual Output Phase Controlled SSTL_3/PECL Clock Generator
2019
logo
Skyworks Solutions Inc.
SI52112-B5 SKYWORKS-SI52112-B5 Datasheet
1Mb / 22P
PCI-EXPRESS GEN 3 DUAL OUTPUT CLOCK GENERATOR
Rev. 1.3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com