Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1524 Datasheet(PDF) 6 Page - Integrated Circuit Systems

Part # ICS1524
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524 Datasheet(HTML) 6 Page - Integrated Circuit Systems

Back Button ICS1524 Datasheet HTML 2Page - Integrated Circuit Systems ICS1524 Datasheet HTML 3Page - Integrated Circuit Systems ICS1524 Datasheet HTML 4Page - Integrated Circuit Systems ICS1524 Datasheet HTML 5Page - Integrated Circuit Systems ICS1524 Datasheet HTML 6Page - Integrated Circuit Systems ICS1524 Datasheet HTML 7Page - Integrated Circuit Systems ICS1524 Datasheet HTML 8Page - Integrated Circuit Systems ICS1524 Datasheet HTML 9Page - Integrated Circuit Systems ICS1524 Datasheet HTML 10Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
ICS1524
6
ICS1524 Rev C 01/31/2003
Detailed Register Description
Name:
Input Control
Register:
0 h
Index:
Read / Write
Bit
Name
Description
0
PDen
RESERVED
1
PD_Pol
Input MUX Control
2
Ref_Pol
Phase/Frequency Detector External Reference Polarity —
Edge of input signal on which Phase Detector triggers.
0 = Rising Edge (default)
1 = Falling Edge
3
Fbk_Pol
External Reference Feedback Polarity — Edge of EXTFB (pin 6) signal on which
Phase/Frequency Detector triggers when external feedback is used (Reg0 [4]=1).
0 = Positive Edge (default)
1 = Negative Edge
4
Fbk_Sel
External Feedback Select
0 = Internal Feedback (default)
1 = External Feedback
5
Func_Sel
Function Output Select — Selects re-clocked output to FUNC (pin 15).
0 = Recovered HSYNC (default). Regenerated HSYNC output.
1 = External HSYNC. Schmitt-trigger conditioned input from HSYNC (pin 7).
6
EnPLS
Enable LOCK/REF (pin14) Output
7
EnDLS
Bit Name Bit # Reset Value Description
PDen
0
1
Phase detector Enable
PD_Pol
1
0
Phase/Frequency Detector Input MUX Control
Ref_Pol
2
0
Phase/Frequency Detector External Reference Polarity
Fbk_Pol
3
0
External Reference Feedback Polarity
Fbk_Sel
4
0
External Feedback Select
Func_Sel
5
0
Function Output Select
EnPLS
6
1
Enable PLL Lock Status Output on LOCK/REF pin
EnDLS
7
0
Enable DPA Lock Status Output on LOCK/REF pin
L
O
P
_
D
P
1
t
i
B
n
e
D
P
5
n
i
P
r
o
t
c
e
t
e
D
y
c
n
e
u
q
e
r
F
/
e
s
a
h
P
.
.
.
h
t
i
w
d
e
i
l
p
p
u
S
t
u
p
n
I
00
n
I
C
S
O
01
n
I
C
N
Y
S
H
10
n
I
C
N
Y
S
H
11
n
I
C
S
O
S
L
P
n
ES
L
D
n
EL
E
S
_
N
I)
4
1
(
F
E
R
/
K
C
O
L
00
A
/
N0
01
A
/
Ne
s
i
w
r
e
h
t
o
0
,
d
e
k
c
o
l
A
P
D
f
i
1
10
A
/
Ne
s
i
w
r
e
h
t
o
0
,
d
e
k
c
o
l
L
L
P
f
i
1
11
0
r
e
g
g
i
r
t
t
t
i
m
h
c
S
t
s
o
P
l
o
P
_
f
e
R
R
O
X
)
7
(
C
N
Y
S
H
11
1
F c
s
o
÷
v
i
D
_
c
s
O



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com