Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICS1524 Datasheet(PDF) 4 Page - Integrated Circuit Systems

Part # ICS1524
Description  Dual Output Phase Controlled SSTL-3/PECL Clock Generator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICS1524 Datasheet(HTML) 4 Page - Integrated Circuit Systems

  ICS1524 Datasheet HTML 1Page - Integrated Circuit Systems ICS1524 Datasheet HTML 2Page - Integrated Circuit Systems ICS1524 Datasheet HTML 3Page - Integrated Circuit Systems ICS1524 Datasheet HTML 4Page - Integrated Circuit Systems ICS1524 Datasheet HTML 5Page - Integrated Circuit Systems ICS1524 Datasheet HTML 6Page - Integrated Circuit Systems ICS1524 Datasheet HTML 7Page - Integrated Circuit Systems ICS1524 Datasheet HTML 8Page - Integrated Circuit Systems ICS1524 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
ICS1524
4
ICS1524 Rev C 01/31/2003
Pin Descriptions
Notes:
1. These LVTTL inputs are 5 V-tolerant.
2. Connect to ground if unused.
.
O
N
N
I
PE
M
A
N
N
I
PE
P
Y
TN
O
I
T
P
I
R
C
S
E
DS
T
N
E
M
M
O
C
1D
D
D
VR
W
Py
l
p
p
u
s
l
a
ti
g
i
Ds
n
o
it
c
e
s
l
a
ti
g
i
d
o
t
V
3
.
3
2D
S
S
VR
W
Pd
n
u
o
r
g
l
a
ti
g
i
Ds
n
o
it
c
e
s
l
a
ti
g
i
d
r
o
f
d
n
u
o
r
G
3A
D
ST
U
O
/
N
Ia
t
a
d
l
a
i
r
e
SI2
s
u
b
-
C
1
4L
C
SN
Ik
c
o
l
c
l
a
i
r
e
SI2
s
u
b
-
C
1
5N
E
D
PN
Ie
l
b
a
n
e
D
F
Pp
m
u
p
e
g
r
a
h
c
s
d
n
e
p
s
u
S
1
6B
F
T
X
EN
Ik
c
a
b
d
e
e
f
l
a
n
r
e
t
x
Eo
t
t
u
p
n
i
r
e
d
i
v
i
d
l
a
n
r
e
t
x
ED
F
P
1
7C
N
Y
S
HN
Ic
n
y
s
l
a
t
n
o
z
i
r
o
HL
L
P
o
t
t
u
p
n
i
k
c
o
l
C
1
8L
I
F
T
X
EN
Ir
e
tl
i
f
l
a
n
r
e
t
x
Er
e
tl
i
f
p
o
o
l
L
L
P
l
a
n
r
e
t
x
E
9T
E
R
L
I
F
XN
In
r
u
t
e
r
r
e
tl
i
f
l
a
n
r
e
t
x
En
r
u
t
e
r
r
e
tl
i
f
p
o
o
l
L
L
P
l
a
n
r
e
t
x
E
0
1A
D
D
VR
W
Py
l
p
p
u
s
g
o
l
a
n
Ay
r
ti
u
c
r
i
c
g
o
l
a
n
a
r
o
f
V
3
.
3
1
1A
S
S
VR
W
Pd
n
u
o
r
g
g
o
l
a
n
Ay
r
ti
u
c
r
i
c
g
o
l
a
n
a
r
o
f
d
n
u
o
r
G
2
1C
S
ON
Ir
o
t
a
ll
i
c
s
Or
o
t
a
ll
i
c
s
o
l
a
t
s
y
r
c
m
o
r
f
t
u
p
n
Ie
g
a
k
c
a
p
2
,
1
3
1I2
R
D
A
CN
II2
s
s
e
r
d
d
a
C
I
p
i
h
C
2
t
c
e
l
e
s
s
s
e
r
d
d
a
C
e
ti
r
w
h
C
4
,
d
a
e
r
h
D
4
=
w
o
L
e
ti
r
w
h
E
4
,
d
a
e
r
h
F
4
=
h
g
i
H
4
1F
E
R
/
K
C
O
LL
T
S
Se
c
n
e
r
e
f
e
r
/
r
o
t
a
c
i
d
n
i
k
c
o
Lt
u
p
n
i
F
E
R
r
o
k
c
o
l
A
P
D
r
o
L
L
P
s
y
a
l
p
s
i
D
5
1C
N
U
FL
T
S
St
u
p
t
u
o
n
o
it
c
n
u
Ft
u
p
t
u
o
C
N
Y
S
H
e
l
b
a
t
c
e
l
e
s
3
_
L
T
S
S
6
1K
L
CL
T
S
St
k
c
o
l
c
l
e
x
i
Pk
c
o
l
C
3
_
L
T
S
S
d
e
y
a
l
e
D
-
n
o
N
7
1K
L
C
A
P
DL
T
S
Sk
c
o
l
C
d
e
y
a
l
e
D
A
P
Dk
c
o
l
C
3
_
L
T
S
S
d
e
y
a
l
e
D
A
P
D
8
1Q
D
D
VR
W
Py
l
p
p
u
s
r
e
v
i
r
d
t
u
p
t
u
Os
r
e
v
i
r
d
t
u
p
t
u
o
r
o
f
D
D
V
V
3
.
3
9
1Q
S
S
VR
W
Pd
n
u
o
r
g
r
e
v
i
r
d
t
u
p
t
u
Os
r
e
v
i
r
d
t
u
p
t
u
o
r
o
f
d
n
u
o
r
G
0
2–
K
L
C
A
P
DL
C
E
P-
k
c
o
l
c
L
C
E
P
d
e
y
a
l
e
D
A
P
D
.
n
i
a
r
d
n
e
p
O
k
c
o
l
C
L
C
E
P
d
e
t
r
e
v
n
I
d
e
y
a
l
e
D
A
P
D
1
2+
K
L
C
A
P
DL
C
E
P+
k
c
o
l
c
L
C
E
P
d
e
y
a
l
e
D
A
P
D
.
n
i
a
r
d
n
e
p
O
k
c
o
l
C
L
C
E
P
d
e
y
a
l
e
D
A
P
D
2
2–
K
L
CL
C
E
P-
k
c
o
l
c
L
C
E
P
.
n
i
a
r
d
n
e
p
O
k
c
o
l
C
L
C
E
P
d
e
t
r
e
v
n
I
d
e
y
a
l
e
D
-
n
o
N
3
2+
K
L
CL
C
E
P+
k
c
o
l
c
L
C
E
P
.
n
i
a
r
d
n
e
p
O
k
c
o
l
C
L
C
E
P
d
e
y
a
l
e
D
-
n
o
N
4
2F
E
R
IN
It
n
e
r
r
u
c
e
c
n
e
r
e
f
e
Rs
t
u
p
t
u
o
L
C
E
P
r
o
f
t
n
e
r
r
u
c
e
c
n
e
r
e
f
e
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com