Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT130NHBD Datasheet(PDF) 3 Page - Aeroflex Circuit Technology

Part # UT130NHBD
Description  Hardened-by-Design (HBD) Standard Cell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT130NHBD Datasheet(HTML) 3 Page - Aeroflex Circuit Technology

  UT130NHBD Datasheet HTML 1Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 2Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 3Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 4Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 5Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 6Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 7Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
LOW-NOISE DEVICE AND PACKAGE SOLUTIONS
Separate on-chip power and ground buses are provided for internal cells and output drivers which further isolate internal design
circuitry from switching noise.
In addition, Aeroflex offers advanced low-noise package technology with multi-layer, co-fired ceramic construction featuring built-
in isolated power and ground planes (Table 2). These planes provide lower overall resistance/inductance through power and ground
paths which minimize voltage drops during periods of heavy switching. These isolated planes also help sustain supply voltage dur-
ing dose rate events, thus preventing rail span collapse.
Flatpacks are available with up to 352 leads. PGAs are available with up to 299 pins and LGAs/CCGAs up to 624 pins. Aeroflex's
flatpacks feature a non-conductive tie bar that helps maintain lead integrity through test and handling operations.
In addition to the packages listed in Table 2, Aeroflex offers custom package development and package tooling modification ser-
vices for individual requirements. For ASIC's that require high signal I/O count, Aeroflex is developing flip chip packaging solu-
tions.
Note:
1.Contact Aeroflex for specific package drawings.
2. External chip capacitor attachment available to space quality levels (for improved SSO response).
3. Aeroflex supports all JEDEC outline package designs.
4. LGA package formats can be provided with Solder Columns.
EXTENSIVE CELL LIBRARY
The UT130nHBD ASIC family is supported by an extensive cell library that includes standard logic functions, Phase Lock Loop
(PLL) and SRAM with optional MBIST and EDAC. User-selectable options for cell configurations include scan and radiation hard-
ness (SEU) levels for all register elements, as well as output drive strength.
Phase-Locked Loop (PLL) macro cell is derived from the SerDes PLL and is capable of covering a frequency range of 100MHz to
500MHz. The PLL supports a power-down mode and phase lock indicator.
Refer to Aeroflex's UT130nHBD Design Manual for complete cell listing and details.
I/O BUFFERS
The UT130nHBD family offers a high number of specialized I/O's. For any specific design, signal availability is affected by pack-
age selection and IO type. The LVCMOS I/O cells can be configured by the user to serve as input, output, bidirectional or three-
state. Output drive options range from 4, 8, 12 and 24mA. To drive larger off-chip loads output drivers may be combined in parallel
to provide additional drive up to 48mA.
Other I/O buffer features and options include:
• Internally Configurable weak pull-up and pull-down devices
• Schmitt trigger
• LVDS
• HSTL
LVDS transmitter (Tx) and receiver (Rx) buffers are enhanced versions of the Aeroflex Standard Products UT54LVDS031LV
LVDS driver and UT54LVDS032LV receiver products. They provide the same >400Mbps (200MHz) switching rates, 340mV
nominal differential signaling levels, transmitter enable and receiver fail-safe circuitry. Each supports a power-down mode that
Table 2: Packaging
TYPE
TOTAL PINS
Flatpack
Up to 352
PGA
299
LGA4
472,624



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com