Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT130NHBD Datasheet(PDF) 1 Page - Aeroflex Circuit Technology

Part # UT130NHBD
Description  Hardened-by-Design (HBD) Standard Cell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT130NHBD Datasheet(HTML) 1 Page - Aeroflex Circuit Technology

  UT130NHBD Datasheet HTML 1Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 2Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 3Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 4Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 5Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 6Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 7Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Semicustom Products
UT130nHBD Hardened-by-Design (HBD)
Standard Cell
Advanced Data Sheet
August 2010
www.aeroflex.com/RadHardASIC
FEATURES
Up to 15,000,000 usable equivalent gates using standard
cell architecture
Toggle rates up to 1.5 GHz
Advanced 130nm silicon gate CMOS processed in a
commercial fab
Operating voltage 3.3V I/O and 1.2V core
Multiple product assurance levels to be available in
QML Q and V, military and industrial
Radiation hardened from 100 krads(Si) to 300 krads
(Si) total dose available using Aeroflex Colorado
Springs’s (Aeroflex) RadHard techniques
SEU-immune to less than 1.0x10-10 errors/bits-day
available using special library cells
Special I/O offering: HSTL, Class I and II, LVDS
Robust Aeroflex Design Library of cells and macros
Support for Verilog and VHDL design languages on Sun
and Linux workstations
Cell models validated in Mentor Graphics® and Synop-
sysTM design environments
Full complement of industry standard IP cores
Wide selection of SP/DP SRAMs with optional MBIST
and EDAC
Low power dissipation of 18nW/MHz/gate at 1.2V
VDDQ
Operating temperature range of -55oC to +125oC
Package pin count of up to 624 for wire bond and 1248
for Flip-Chip (in development)
PRODUCT DESCRIPTION
The high-performance UT130n HBD Hardened-by-Design
ASIC standard cell family features densities up to
15,000,000 equivalent gates and will be available in multi-
ple quality assurance levels such as MIL-PRF-38535, QML
V and Q, military, industrial grades and non-RadHard
versions.
For those designs requiring stringent radiation hardness,
Aeroflex's 130nm process employs a special technique that
enhances the total dose radiation hardness to 300 krads(Si)
while maintaining circuit density and reliability. In addition,
the process uses epitaxial wafers for greater transient radi-
ation hardness and latch-up immunity.
The UT130nHBD ASIC family uses highly efficient stan-
dard cell architecture for internal cell instantiation
developed using Aeroflex's patented architectures. Com-
bined with state-of-the-art, timing driven placement and
routing tools, the area utilization and signal routing of tran-
sistors is maximized using six metal interconnect routing
layers. Table 1, 2 and 3 summarizes some of the most im-
portant aspects of the 130nm ASIC Library.
The UT130nHBD ASIC family is supported by an extensive
cell library that includes standard logic functions, Phase
Lock Loop (PLL) and SRAM with optional MBIST and
EDAC. Aeroflex's IP library includes the following
functions:
• Intel 80C31® equivalent
• Intel 80C196® equivalent
• MIL-STD-1553 functions (BRCTM, RTI, RTMP)
• MIL-STD-1750 microprocessor
• RISC microcontroller
• Aeroflex Gaisler - LEON3 and other IP can be reviewed
at www.gaisler.com


Similar Part No. - UT130NHBD

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT131 UTC-UT131 Datasheet
189Kb / 5P
TRIACS LOGIC LEVEL
UT131 UTC-UT131 Datasheet
297Kb / 5P
TRIACS LOGIC LEVEL
UT131G-5-AA3-R UTC-UT131G-5-AA3-R Datasheet
278Kb / 5P
TRIAC LOGIC LEVEL
UT131G-5-T92-B UTC-UT131G-5-T92-B Datasheet
278Kb / 5P
TRIAC LOGIC LEVEL
UT131G-5-T92-K UTC-UT131G-5-T92-K Datasheet
278Kb / 5P
TRIAC LOGIC LEVEL
More results

Similar Description - UT130NHBD

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
CS101 FUJITSU-CS101 Datasheet
102Kb / 8P
Standard Cell
CS101 FUJITSU-CS101_07 Datasheet
88Kb / 12P
Standard Cell
logo
Advanced Monolithic Sys...
AMS2301 AMS-AMS2301 Datasheet
503Kb / 7P
 Super high density cell design for
logo
Lowpower Semiconductor ...
LPM9029C POWER-LPM9029C Datasheet
361Kb / 5P
Super high density cell design
logo
Aeroflex Circuit Techno...
UT0.25UHBD AEROFLEX-UT0.25UHBD Datasheet
97Kb / 13P
Hardened-by-Design Standard Cell ASIC
UT90NHBD AEROFLEX-UT90NHBD Datasheet
47Kb / 4P
Hardened-by-Design (HBD) Standard Cell
logo
SemiHow Co.,Ltd.
HRLE320N03K SEMIHOW-HRLE320N03K Datasheet
266Kb / 7P
Low Dense Cell Design
HRLO180N10K SEMIHOW-HRLO180N10K Datasheet
241Kb / 7P
High Dense Cell Design
HRLO250N10K SEMIHOW-HRLO250N10K Datasheet
252Kb / 7P
High Dense Cell Design
logo
fujitsu semiconductor
CS91 FUJITSU-CS91 Datasheet
106Kb / 9P
Standard cell array
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com