Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT130NHBD Datasheet(PDF) 2 Page - Aeroflex Circuit Technology

Part # UT130NHBD
Description  Hardened-by-Design (HBD) Standard Cell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT130NHBD Datasheet(HTML) 2 Page - Aeroflex Circuit Technology

  UT130NHBD Datasheet HTML 1Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 2Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 3Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 4Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 5Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 6Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 7Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
ABSOLUTE MAXIMUM RATINGS 1
(All supplies referenced to ground)
Note:
1. Stresses outside the listed absolute maximum ratings may cause permanent damage to the device. This is a stress rating only, and functional operation
of the device at these or any other conditions beyond limits indicated in the operational sections of this specification is not recommended. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
2.The recommended "power-on" sequences is VDDQ voltage supply applied first, followed by the VDDIO voltage supply. The recommended "power-off" sequence
is the reverse. Remove VDDIO voltage supply, followed by removing VDDQ voltage supply.
RECOMMENDED OPERATING CONDITIONS
Table 1: Library Overview
CHARACTRISTICS
VALUE
Technology
TSMC 130G - 130nm Bulk CMOS, 8 metal layers
Logic Density
86K gates/mm2 = ~15M gates
Supply Voltages
3.3V, 2.5V (planned) & 1.8V I/O; 1.2V core
Typical Power Dissipation
~ 18nW/gate-MHz @ 1.2V
Standard Cells
~ 300 multi-VT cells (high VT, standard VT and low VT)
Intrinsic Gate Delay (na02nd2)
50ps
Fastest Core Frequency
570 MHz (10 levels of logic)
I/O's
3.3V, 2.5V (planned); 4, 8, 12, 24mA outputs; LVCMOS, LVTTL,
Schmitt trigger; bidirectional, programmable, configurable pull up/
down
Memories
Single & Dual-port SRAM & Register file compiler
Macros
HSTL (250MHz), LVDS (400Mbps), PLL's (100-500MHz), SerDes
(3.125Gbps - in development)
Rated Temp Range
-55°C to 125°C
ESD (Human Body Model)
1kV
Packaging Options
Wirebond: CQFP, CCGA, CBGA. Flip Chip (in development)
SYMBOL
PARAMETER
LIMITS
VDDIO
2
I/ODC supply voltage
-0.3V to 3.3V +30%
VDDQ
2
Core DC supply voltage
-0.3V to 1.2V + 30%
TSTG
Storage temperature
-65
°C to +150°C
TJ
Maximum junction temperature
+150
°C
ILU
Latchup immunity
+150mA
II
DC input current
+10mA
TLS
Lead temperature (soldering 5 sec)
+300
°C
SYMBOL
PARAMETER
LIMITS
VDDIO
IO DC supply voltage
3.0V + 0.3
VDDQ
Core DC supply voltage
1.2V+ 0.1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com