Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT130NHBD Datasheet(PDF) 7 Page - Aeroflex Circuit Technology

Part # UT130NHBD
Description  Hardened-by-Design (HBD) Standard Cell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT130NHBD Datasheet(HTML) 7 Page - Aeroflex Circuit Technology

  UT130NHBD Datasheet HTML 1Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 2Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 3Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 4Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 5Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 6Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 7Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
7
Data from the wafer-level testing can provide rapid feedback to the fabrication process, as well as establish the reliability perfor-
mance of the product before it is packaged and shipped.
RADIATION TOLERANCE
Aeroflex incorporates radiation-tolerance techniques in process design, design rules, array design, power distribution and library
element design. All key radiation-tolerance process parameters are controlled and monitored using statistical methods and in-line
testing (Table 3).
Notes:
1.Total dose Co-60 testing is in accordance with MIL-STD-883, Method 1019.
2.TID data measured at 1.35V core/3.6V I/ O VDDIO. All post radiation values measured at 25°C.
3.SEU limit based on standard evaluation circuit at 1.1V core/3.0V I/ O VDDIO 25°C condition.
4.SEU-hard flip-flop cell. Non-hard flip-flop typical is 5x10-8.
5.SEL data measured at 1.3V core/3.6V I/ O VDDIO and 125°C.
Intel is a registered trademark of Intel Corporation
Mentor, Mentor Graphics, FastScan, FlexTest and DFT Advisor are registered trademarks of Mentor Graphics Corporation
Sun is a registered trademark of Sun Microsystems, Inc.
Synopsys, Design Compiler, VHDL Compiler, HDL Compiler, Te
Table 3: Radiation Hardness
PARAMETER
RADIATION
TOLERANCE
NOTES
Total ionizing dose
100-300 krad(Si)
1,2
Single event upset (SEU)
<1.0x10-10 errors per cell-day
3,4
Single event latchup (SEL)
Latchup immune to LET =
115 MeV/cm2/mg
5



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com