Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT130NHBD Datasheet(PDF) 5 Page - Aeroflex Circuit Technology

Part # UT130NHBD
Description  Hardened-by-Design (HBD) Standard Cell
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology

UT130NHBD Datasheet(HTML) 5 Page - Aeroflex Circuit Technology

  UT130NHBD Datasheet HTML 1Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 2Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 3Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 4Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 5Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 6Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 7Page - Aeroflex Circuit Technology UT130NHBD Datasheet HTML 8Page - Aeroflex Circuit Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
The VHDL libraries are VITAL 3.0 compliant and the Verilog libraries are OVI 1.0 compliant. With the library capabilities Aero-
flex provides, you can use High Level Design methods to synthesize your design for simulation. Aeroflex also provides tools to
verify that your HDL design will result in successful implementations.
ADVANTAGES OF THE AEROFLEX HDL DESIGN SYSTEMS
• The Aeroflex HDL Design System gives you the freedom to use tools from Synopsys, Mentor Graphics, Cadence and other ven-
dors to help you synthesize and verify a design.
• Aeroflex's Logic Rules Checker and Tester Rules Checker allow you to verify partial or complete designs for compliance with
Aeroflex design rules.
• Aeroflex HDL Design System accepts back-annotation of timing information through SDF.
XDTSM (EXTERNAL DESIGN TRANSLATION)
Through Aeroflex's XDT services, customers can convert an existing non-Aeroflex design to Aeroflex's UT130nHBD platform for
increased power/speed performance. The XDT capability is particularly useful for converting an FPGA to an Aeroflex radiation-
tolerant technology. The XDT translation tools convert industry standard netlist formats and 3rd party vendor libraries to Aeroflex
formats and libraries. Industry standard netlist formats supported by Aeroflex include:
• VHDL
• Verilog HDL
• FPGA source files (Actel, Altera, Xilinx)
• EDIF
• Third-party netlists supported by Synopsys
RTL Development
70% Done
85% Done
95-100% Don e
RTL
Synthesis
DC Ultra
Netli st
ICC
Floor pl an &
Gl obal Route
LEF/DEF
RTL
Synthesis
DCUltra
Netl ist
ICC
Place & Route
Reviews
Analysis / Fi xing
(DC Graphical & ICC-DP)
Floor Planning
Synthesis / P&R Scripts
RTL
Synthesis
DC Ultra
Netli st
ICC
Place & Route
Sign-off
& Tape out
Analysi s / Fixing
(DC Graphi cal & ICC-DP )
Final Flow
Liberty
FRAM
TLU-Pl us
Figure 1: Design Plan



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com