Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII150ACT100 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # SII150ACT100
Description  PanelLink Digital Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII150ACT100 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  SII150ACT100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 5Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Silicon Image, Inc.
SiI 150A
SiI/DS-0006-C
Revision C
3
Subject to Change without Notice
AC Specifications
Under normal operating conditions unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
T
CIP
IDCK Period, 1 Pixel/Clock
8.93
50
ns
F
CIP
IDCK Frequency, 1 Pixel/Clock
20
112
MHz
T
CIP
IDCK Period, 2 Pixels/Clock
17.8
100
ns
F
CIP
IDCK Frequency, 2 Pixels/Clock
10
56
MHz
T
CIH
IDCK High Time at 112MHz
4
ns
T
CIL
IDCK Low Time at 112MHz
4
ns
T
IJIT
Worst Case IDCK Clock Jitter
2,3
2ns
T
SIDF
Data, DE, VSYNC, HSYNC, and CTL[3:1]
Setup Time to IDCK falling edge
EDGE = 0
1
ns
T
HIDF
Data, DE, VSYNC, HSYNC, and CTL[3:1]
Hold Time from IDCK falling edge
EDGE = 0
3
ns
T
SIDR
Data, DE, VSYNC, HSYNC, and CTL[3:1]
Setup Time to IDCK rising edge
EDGE = 1
1
ns
T
HIDR
Data, DE, VSYNC, HSYNC, and CTL[3:1]
Hold Time from IDCK rising edge
EDGE = 1
3
ns
T
DDF
VSYNC, HSYNC, and CTL[3:1] Delay from DE falling edge
1
T
CIP
ns
T
DDR
VSYNC, HSYNC, and CTL[3:1] Delay to DE rising edge
1
T
CIP
ns
T
HDE
DE high time
1
8191T
CIP
ns
T
LDE
DE low time
1
128T
CIP
ns
S
LHT
Small Swing Low-to-High
Transition Time
C
LOAD = 5pF
R
LOAD = 50Ω
R
EXT_SWING = 510Ω
0.25
0.3
0.35
ns
S
HLT
Small Swing High-to-Low
Transition Time
C
LOAD = 5pF
R
LOAD = 50Ω
R
EXT_SWING = 510Ω
0.25
0.3
0.35
ns
Notes:
1
Guaranteed by design.
2
Jitter can be estimated by 1) triggering a digital scope at the rising of input clock and 2) measuring the peak to peak time spread
of the rising edge of the input clock 1
µs after the trigger.
3
Actual jitter tolerance may be higher depending on the frequency of the jitter.
Timing Diagrams
T
CIH
T
CIL
T
CIP
2.0 V
0.8 V
0.8 V
2.0 V
2.0 V
Figure 1. Clock Cycle/High/Low Times
Figure 2. Small Swing Transition Times
S
LHT
20% V
OD
80% V
OD
S
HLT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com