Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII150ACT100 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SII150ACT100
Description  PanelLink Digital Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII150ACT100 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SII150ACT100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 5Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Silicon Image, Inc.
SiI 150A
SiI/DS-0006-C
Revision C
4
Subject to Change without Notice
Input Timing
Figure 3. Input Data Setup/Hold Times to IDCK
Figure 4. VSYNC, HSYNC, and CTL[3:1] Delay Times from DE
DE
T
LDE
T
HDE
0.8 V
2.0 V
0.8 V
2.0 V
Figure 5. DE High/Low Times
Input Pin Description
Pin Name
Pin #
Type
Description
DIE23-
DIE0
See SiI
150A Pin
Diagram
In
Even Input Data[23:0] corresponds to 24-bit pixel data for 1-pixel/clock input mode or to the first 24-bit
pixel data for 2-pixels/clock mode.
Input data is synchronized to input data clock (IDCK).
Data can be latched on the rising or the falling edge of IDCK depending on whether EDGE is high or low,
respectively.
Refer to the TFT and DSTN Signal Mapping application notes (Si
I-AN-0008-A and SiI-AN-0007-A,
respectively) which tabulate the relationship between the input data to the transmitter and output data from
the receiver.
DIO23 –
DIO0
See SiI
150A Pin
Diagram
In
Input Odd Data[23:0] corresponds to the second 24-bit pixel data for 2-pixels/clock mode.
In 1-pixel/clock mode, these inputs are a don’t care. Recommendation is to tie them low for lower power
consumption.
Input data is synchronized to input data clock (IDCK).
Data can be latched on the rising or the falling edge of IDCK depending on whether EDGE is high or low,
respectively.
Refer to the TFT and DSTN Signal Mapping application notes (Si
I-AN-0008-A and SiI-AN-0007-A,
respectively) which tabulate the relationship between the input data to the transmitter and output data from
the receiver.
IDCK
80
In
Input Data Clock. Input data and control signals can be valid either on the falling or the rising edge of
IDCK as selected by the EDGE pin.
DE
78
In
Input Data Enable. This signal qualifies the active data area. DE is always required by the transmitter and
must be high during active display time and low during blanking time.
HSYNC
VSYNC
76
77
In
In
Horizontal Sync input control signal.
Vertical Sync input control signal.
CTL1
CTL2
CTL3
84
83
82
In
In
In
General input control signal 1.
General input control signal 2.
General input control signal 3.
D[23:0], DE,
HSYNC,VSYNC,
CTL[3:1]
IDCK+/IDCK-
T
SIDF
T
HIDF
T
SIDR
T
HIDR
50 %
50 %
50 %
50 %
T
DDR
T
DDF
DE
VSYNC, HSYNC,
CTL[3:1]
0.8 V
0.8 V
0.8 V
0.8 V
DE
VSYNC, HSYNC,
CTL[3:1]



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com