Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII150ACT100 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SII150ACT100
Description  PanelLink Digital Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII150ACT100 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SII150ACT100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 5Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Revision C
Subject to Change without Notice
Si
I 150A
PanelLink
®
Digital Transmitter
July 2000
General Description
Features
As the universal transmitter, S
iI 150A uses PanelLink Digital technology
to support displays ranging from VGA to SXGA (25-112 MHz). The S
iI 150A
transmitter supports up to true color panels (24 bit/pixel, 16.7M colors) in 1 or
2 pixels/clock mode, and also features an inter-pair skew tolerance up to 1 full
input clock cycle. An advanced on-chip jitter filter is also added to extend
tolerance to VGA clock jitter. Since all PanelLink products are designed on
scaleable CMOS architecture to support future performance requirements
while maintaining the same logical interface, system designers can be
assured that the interface will be fixed through a number of technology and
performance generations.
PanelLink Digital technology simplifies PC design by resolving many of
the system level issues associated with high-speed digital design, providing
the system designer with a digital interface solution that is quicker to market
and lower in cost.
•
Scaleable Bandwidth: 25-112 MHz (VGA to SXGA)
•
Low Power: 3.3V core operation & power-down
mode
•
High Skew Tolerance: 1 full input clock cycle (9ns at
108 MHz)
•
Flexible panel interface: single or dual pixel in at up
to 24-bits
•
Cable Distance Support: over 5m with twisted-pair,
fiber-optics ready
•
Compliant with DVI 1.0 (DVI is backwards
compatible with VESA® P&D
TM and DFP)
Si
I 150A Pin Diagram
Functional Block Diagram
Data
Capture
Logic
DE
HSYNC
VSYNC
CTL1
CTL2
CTL3
EDGE
IDCK
EXT_SWING
Tx0
PIXS
DATA
DATA
24
DIE[23:0]
DIO[23:0]
Encoder
0
HSYNC
VSYNC
Encoder
1
Encoder
2
CTL1
DATA
CTL2
CTL3
24
Jitter
Filter
PLL
Swing
Control
Tx1
Tx2
TxC
Tx0+
Tx0-
Tx1+
Tx1-
Tx2+
Tx2-
TxC+
TxC-
DIE13
1
SiI150A
100-Pin TQFP
(Top View)
DIE12
2
DIE11
3
DIE10
4
DIE9
5
DIE8
6
GND
7
VCC
8
DIE7
9
DIE6
10
DIE5
11
DIE4
12
DIE3
13
DIE2
14
DIE1
15
DIE0
16
IVCC
17
PVCC1
18
PGND1
19
RESERVED
20
RESERVED
21
RESERVED
22
RESERVED
23
EDGE
24
PIXS
25
75
DIO1
74
DIO2
73
DIO3
72
DIO4
7 1
DIO5
70
DIO6
6 9
DIO7
68
GND
67
IVCC
66
DIO8
65
DIO9
64
DIO10
6 3
DIO11
62
DIO12
6 1
DIO13
60
DIO14
59
DIO15
58
GND
57
VCC
56
DIO16
55
DIO17
54
DIO18
5 3
DIO19
52
DIO20
51
DIO0
DIFFERENTIAL
SIGNAL
EVEN 8-bits RED
PLL
CONTROLS
GPI


Similar Part No. - SII150ACT100

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SII150N06 SIRECTIFIER-SII150N06 Datasheet
1Mb / 4P
NPT IGBT Modules
SII150N12 SIRECTIFIER-SII150N12 Datasheet
937Kb / 7P
NPT IGBT Modules
SII150S12 SIRECTIFIER-SII150S12 Datasheet
472Kb / 2P
SPT IGBT Modules
More results

Similar Description - SII150ACT100

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SII141 ETC1-SII141 Datasheet
84Kb / 12P
SiI 141B PanelLink Digital Receiver
logo
Silicon image
SII164 SILICONIMAGE-SII164 Datasheet
471Kb / 33P
Transmitter uses PanelLink Digital technology
SII170B SILICONIMAGE-SII170B Datasheet
126Kb / 2P
PanelLink Transmitter
SII9030 SILICONIMAGE-SII9030 Datasheet
164Kb / 2P
PanelLink Transmitter
SII9190 SILICONIMAGE-SII9190 Datasheet
143Kb / 2P
PanelLink Transmitter
1364ADD2 SILICONIMAGE-1364ADD2 Datasheet
2Mb / 2P
Featuring the SiI 1364 PanelLink Transmitter
SII1162 SILICONIMAGE-SII1162 Datasheet
172Kb / 2P
PanelLink Transmitter
SII1172 SILICONIMAGE-SII1172 Datasheet
612Kb / 2P
PanelLink Transmitter
SII1160 SILICONIMAGE-SII1160 Datasheet
944Kb / 33P
PanelLink Transmitter
SII164CTG64 SILICONIMAGE-SII164CTG64 Datasheet
316Kb / 34P
SiI 164 PanelLink Transmitter
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com