Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII150ACT100 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # SII150ACT100
Description  PanelLink Digital Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII150ACT100 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  SII150ACT100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 5Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Silicon Image, Inc.
SiI 150A
SiI/DS-0006-C
Revision C
6
Subject to Change without Notice
Package Dimensions
100-pin TQFP Package Dimensions
JEDEC Code MS-026 AED
Ordering Information
Part Number SiI150ACT100
Copyright Notice
This manual is copyrighted by Silicon Image, Inc. Do not reproduce, transform to any other format, or send/transmit any part of this
documentation without the express written permission of Silicon Image, Inc.
Trademark Acknowledgment
Silicon Image, the Silicon Image logo, PanelLink and the PanelLink logo are trademarks or registered trademarks of Silicon Image, Inc. All
other trademarks are the property of their respective holders.
Disclaimer
This document provides technical information for the user. Silicon Image, Inc. reserves the right to modify the information in this document
as necessary. The customer should make sure that they have the most recent data sheet version. Silicon Image, Inc. holds no responsibility
for any errors that may appear in this document. Customers should take appropriate action to ensure their use of the products does not
infringe upon any patents. Silicon Image, Inc. respects valid patent rights of third parties and does not infringe upon or assist others to
infringe upon such rights.
© 2000 Silicon Image, Inc. 7/00 Si
I/DS-0006-C
Silicon Image, Inc.
Tel:
408-616-4000
1060 E. Arques Ave
Fax: 408-830-9530
Sunnyvale, CA 94086
E-Mail: salessupport@siimage.com
USA
Web:
www.siimage.com
www.panellink.com
100-pin Plastic TQFP
SiI150ACT100
LNNNNN.NLLL
XXYY
X.XX
Lead Length
1.00mm
Lead Width
0.20mm
Lead Pitch
0.50mm
Body Thickness
1.05 mm max.
Package Height
1.20mm max.
Clearance
0.15mm max.
Body Size 14.00mm
Footprint 16.00mm
Device #
Lot #
Date Code #
SiI Rev. #
12.00mm
3DQHO/LQN®



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com