Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SII150ACT100 Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # SII150ACT100
Description  PanelLink Digital Transmitter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SII150ACT100 Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  SII150ACT100 Datasheet HTML 1Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 2Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 3Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 4Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 5Page - List of Unclassifed Manufacturers SII150ACT100 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Silicon Image, Inc.
SiI 150A
SiI/DS-0006-C
Revision C
5
Subject to Change without Notice
Configuration Pin Description
Pin Name
Pin #
Type
Description
EDGE
24
In
Data/Control Latching Edge. A low level indicates that all input signals (DIE/DIO[23:0], HSYNC, VSYNC, DE,
and CTL[3:1]) are latched on the falling edge of IDCK, while a high level (3.3V) indicates that all input signals
are latched on the rising edge of IDCK.
PIXS
25
In
Pixel Select. A low level indicates one pixel (up to 24-bits) per clock mode using DIE[23:0]. A high level
(3.3V) indicates two pixels (up to 48-bits) per clock mode using DIE[23:0] for the first pixel and DIO[23:0] for
the second pixel.
Power Management Pin Description
Pin Name
Pin #
Type
Description
PD
26
In
Power Down (active low). A high level (3.3V) indicates normal operation and a low level (GND) indicates
power down mode. During power down mode, all data (DIE/DIO[23:0]), data enable (DE), clock (IDCK) and
control signals (HSYNC, VSYNC, CTL[3:1]), input buffers are disabled, all output buffers are tri-stated, and all
internal circuitry is powered down.
Differential Signal Data Pin Description
Pin Name
Pin #
Type
Description
TX0+
TX0-
TX1+
TX1-
TX2+
TX2-
40
39
43
42
46
45
Analog
Analog
Analog
Analog
Analog
Analog
TMDS Low Voltage Differential Signal output data pairs.
TXC+
TXC-
35
34
Analog
Analog
TMDS Low Voltage Differential Signal output data pairs.
EXT_SWING
32
Analog
Voltage Swing Adjust. A resistor should tie this pin to AVCC. The amplitude of the voltage swing is
determined by this resistance. For remote display applications, 510
Ω is recommended. For notebook
computers, 680
Ω is recommended.
Reserved Pin Description
Pin Name
Pin #
Type
Description
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
RESERVED
20
21
22
23
27
28
29
87
In
In
In
In
In
In
In
In
Reserved for future use. Must be tied HIGH for normal operation.
Reserved for future use. Must be tied LOW for normal operation.
Reserved for future use. Must be tied HIGH for normal operation.
Reserved for future use. Must be tied HIGH for normal operation.
Reserved for future use. Must be tied HIGH for normal operation.
Reserved for future use. Must be tied HIGH for normal operation.
Reserved for future use. Must be tied HIGH for normal operation.
Reserved for future use. Must be tied HIGH for normal operation.
Power and Ground Pin Description
Pin Name
Pin #
Type
Description
VCC
8,30,56,88
Power
Digital Core VCC, must be set to 3.3V.
GND
7,31,57,67,79,89
Ground
Digital GND.
IVCC
17,66,81,98
Power
Input VCC, must be set to 3.3V.
AVCC
36,38,44
Power
Analog VCC, must be set to 3.3V.
AGND
33,37,41,47
Ground
Analog GND.
PVCC1
18
Power
PLL Analog VCC, must be set to 3.3V.
PVCC2
85
Power
PLL Analog VCC, must be set to 3.3V.
PGND1
19
Ground
PLL Analog GND. PGND1 should not be directly connected to PGND2 before being
connected to the GROUND plane. They should be connected individually to the GROUND
plane.
PGND2
86
Ground
PLL Analog GND. PGND1 should not be directly connected to PGND2 before being
connected to the GROUND plane. They should be connected individually to the GROUND
plane.
Application Information
To obtain the most updated Application Notes and other useful information for your design application, please visit the Silicon Image
web site at www.siimage.com, or contact your local Silicon Image sales office.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com