Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA016T Datasheet(PDF) 21 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 17Page - STMicroelectronics STA016T Datasheet HTML 18Page - STMicroelectronics STA016T Datasheet HTML 19Page - STMicroelectronics STA016T Datasheet HTML 20Page - STMicroelectronics STA016T Datasheet HTML 21Page - STMicroelectronics STA016T Datasheet HTML 22Page - STMicroelectronics STA016T Datasheet HTML 23Page - STMicroelectronics STA016T Datasheet HTML 24Page - STMicroelectronics STA016T Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 45 page
background image
21/45
STA016T
I_AUDIO_CONFIG_1:
Address : 0x5B (91)
Type : RW - DEC
Software Reset : 0
Description :
If INPUT_CONF == 1, this register configure the
I2Sin interface.
I_AUDIO_CONFIG_2 :
Address : 0x5C (92)
Type : RW - DEC
Software Reset : 0
Description :
See I_AUDIO_CONFIG_3 register description..
I_
AUDIO_CONFIG_3 :
Address : 0x5D (93)
Type : RW - DEC
Software Reset : 0
Description :
If INPUT_CONF == 1, this register is used to config-
ure the phase of the LRCK of the I2Sin.
3.6 CDBSA_CONFIGURATION registers
description
INPUT_CONF :
Address : 0x5A (90)
Type : RW - DEC
Software Reset : 0
b7
b6
b5
b4
b3
b2
b1
b0
CF7
CF6
CF5
CF4
CF3
CF2
CF1
CF0
Bit
fields
Comment
CF0
Relative synchro :
0 : synchro with first data bit
1 : synchro one bit before first data bit
CF1
Data reception configuration :
0 : LSB first
1 : MSB first
CF2
Polarity of bit clock BCK :
0 : data provided on falling edge & stable
on rising edge.
1 : data provided on rising edge & stable
on falling edge
CF3
Polarity of LR clock LRCK :
0 : negative
1 : positive
CF4
Start value of LRCK : combined with CF3,
this bit enable user to determine left/right
couple according to the following table.
CF[7:5]
Reserved : to be set to 0.
CF3
CF4
Left/Right couples
0
0
(data1/data2), (data3/data4),...
1
0
(data0/data1), (data2/data3),...
0
1
(data0/data1), (data2/data3),...
1
1
(data1/data2), (data3/data4),...
b7
b6
b5
b4
b3
b2
b1
b0
LR7
LR6
LR5
LR4
LR3
LR2
LR1
LR0
b7
b6
b5
b4
b3
b2
b1
b0
000
00
0LR9
LR8
Bit fields
Comment
LR[4:0]
Position of the data within the LRCK
phase :
- if CF1 = 0 (LSB), value must be set to[31
- SL[9:5] - bit position of the first bit of data
within the LRCK phase].
- if CF1 = 1 (MSB), value must be set to bit
position of the first bit of data within the
LRCK phase.
Note that range of value for this bit position
is [0:31].
LR[9:5]
Length-1 of the data.
Max value is 31.
LR[15:10]
Reserved : to be set to 0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com