Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA016T Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 29Page - STMicroelectronics STA016T Datasheet HTML 30Page - STMicroelectronics STA016T Datasheet HTML 31Page - STMicroelectronics STA016T Datasheet HTML 32Page - STMicroelectronics STA016T Datasheet HTML 33Page - STMicroelectronics STA016T Datasheet HTML 34Page - STMicroelectronics STA016T Datasheet HTML 35Page - STMicroelectronics STA016T Datasheet HTML 36Page - STMicroelectronics STA016T Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 45 page
background image
33/45
STA016T
HEADER _n:
Address : 0xD4 (212) to 0xD9 (217)
Type : RO - EDF
Software Reset : 0
Description :
This register give the nth byte of the header of the
frame currently decoded
3.11 BYPASSA_CONFIGURATION registers
description
CHAN_NB :
Address : 0x70 (112)
Type : RW - DEC
Software Reset : 0
Description :
User must specify the number of channel for bypassa
decoder to decode.
SAMPLING_FREQ: :
Address : 0x71 (113)
Type : RW - DEC
Software Reset : 0
Description :
User must specify the sampling frequency of the
stream to decode if clocks direction of the input inter-
face is input. Sampling frequency index is given by
table 4.
PCMCLK_INPUT :
Address : 0xCB (203)
Type : RW - DEC
Software Reset : 0
Description :
If set to 1, the PCMCLK pad is configure as input in
order to receive an external reference clock.
3.12 MP3_CONFIGURATION registers
description
ERR_DEC_LEVEL :
Address : 0x6B (107)
Type : RO - EDF
Software Reset : 0
Description :
This register give the status of the mp3 decoding pro-
cess according the error level written in following ta-
ble.
ERR_DEC_NB_1 :
Address : 0x6C (108)
Type : RO - EDF
Software Reset : 0
Description :
See ERR_DEC_NB_2 register description.
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
Value
Level
0
No error
1
Warning while decoding
2
Error while decoding
3
Fatal error while decoding
b7
b6
b5
b4
b3
b2
b1
b0
ER7
ER6
ER5
ER4
ER3
ER2
ER1
ER0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com