Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA016T Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 23Page - STMicroelectronics STA016T Datasheet HTML 24Page - STMicroelectronics STA016T Datasheet HTML 25Page - STMicroelectronics STA016T Datasheet HTML 26Page - STMicroelectronics STA016T Datasheet HTML 27Page - STMicroelectronics STA016T Datasheet HTML 28Page - STMicroelectronics STA016T Datasheet HTML 29Page - STMicroelectronics STA016T Datasheet HTML 30Page - STMicroelectronics STA016T Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 45 page
background image
27/45
STA016T
Software Reset : 0
Description :
This register specifies to the CD module the second
location requested.
SECTOR_REQ :
Address : 0x49 (73)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies to the CD module the sector lo-
cation requested.
MINUTE_SPENT :
Address : 0x4A (74)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the number of minute spent
from the beginning of the track. It is reset at the be-
ginning of a new track.
SECOND_SPENT :
Address : 0x4B (75)
Type : RO - AEC
Software Reset : 0
Description :
This register specifies the number of second spent
from the beginning of the track. It is resected at the
beginning of a new track.
SCANNING_TIME :
Address : 0x4C (76)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies in second (<60) the playing
time for each track in scanning mode.
PLAY_LIST_INDEX:
Address : 0x4D (77)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the index in the play list of the
song to enter in the play list, it is also a value between
1 and the maximum number of track in the directory.
PLAY_LIST_VALUE:
Address : 0x4E (78)
Type : RW - ABO
Software Reset : 0
Description :
This register specifies the song index in the directory
to enter in the play list, it is also a value between 1
and the maximum number of track in the directory.
CD_SONG_INFO_Cn :
Address : 0x86 (134) to 0xA5 (165)
Type : RO - AEC
Software Reset : 0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com