Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA016T Datasheet(PDF) 40 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 40 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 36Page - STMicroelectronics STA016T Datasheet HTML 37Page - STMicroelectronics STA016T Datasheet HTML 38Page - STMicroelectronics STA016T Datasheet HTML 39Page - STMicroelectronics STA016T Datasheet HTML 40Page - STMicroelectronics STA016T Datasheet HTML 41Page - STMicroelectronics STA016T Datasheet HTML 42Page - STMicroelectronics STA016T Datasheet HTML 43Page - STMicroelectronics STA016T Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 45 page
background image
STA016T
40/45
I/O CELL DESCRIPTION
1) TTL Tristate Output Pad Buffer, 3V capable 4mA, with Slew Rate Control
Pin numbers: 4, 18, 20, 21, 22, 25, 54, 56, 59
2) TTL Schmitt Trigger Bidir Pad Buffer, 3V capable, 4mA, with Slew Rate Control
Pin numbers: 1, 2, 3, 7, 8, 9, 19
3) TTL Schmitt Trigger Inpud Pad Buffer, 3V capable / Pin numbers:17, 60, 63
4) TTL Inpud Pad Buffer, 3V capable with Pull-Up / Pin numbers:15, 16
5) TTL Schmitt Trigger Bidir Pad Buffer, with Pull-up, 4mA, with slew rate control / 3V capable
Pin numbers: 26, 27, 28, 31, 32, 33, 34, 35, 44, 45, 46, 47, 48, 49, 50, 51, 64
6) TTL Input Pad Buffer, 3V capable, with pull down / Pin numbers: 12, 13, 14, 55
INPUT PIN
MAX LOAD
Z
100pF
INPUT PIN
CAPACITANCE
OUTPUT
PIN
MAX
LOAD
IO
TBD
IO
100pF
INPUT PIN
CAPACITANCE
ATBD
INPUT PIN
CAPACITANCE
ATBD
INPUT PIN
CAPACITANCE
OUTPUT
PIN
MAX
LOAD
IO
TBD
IO
100pF
INPUT PIN
CAPACITANCE
ATBD
EN
A
D98AU904
Z
EN
A
D98AU905
ZI
IO
A
D98AU906
Z
A
D98AU907
Z
EN
A
D00AU1150
ZI
IO
A
D00AU1222
Z



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com