Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA016T Datasheet(PDF) 32 Page - STMicroelectronics

Part # STA016T
Description  MPEG 2.5 LAYER III AUDIO DECODER SUPPORTING CD-ROM CAPABILITY & ADPCM
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA016T Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STA016T Datasheet HTML 28Page - STMicroelectronics STA016T Datasheet HTML 29Page - STMicroelectronics STA016T Datasheet HTML 30Page - STMicroelectronics STA016T Datasheet HTML 31Page - STMicroelectronics STA016T Datasheet HTML 32Page - STMicroelectronics STA016T Datasheet HTML 33Page - STMicroelectronics STA016T Datasheet HTML 34Page - STMicroelectronics STA016T Datasheet HTML 35Page - STMicroelectronics STA016T Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
STA016T
32/45
Software Reset : 0
Description :
For decoders having PAUSE abilities (see each de-
coder configuration), if set to 0 disable the pause of
the decoder, if set to 1 enable the pause of the de-
coder. Note that during a PAUSE the input stream is
stopped.
3.10 STATUS registers description
STATUS_MODE :
Address : 0xCC (204)
Type : RO - EDF
Software Reset : 0
Description :
This register give the type of the currently decoded
bitstream according following table.
STATUS_CHANS_NB :
Address : 0xCD (205)
Type : RO - EDF
Software Reset : 0
Description :
This register gives the number of channel currently
decoded.
STATUS_SF :
Address : 0xCE (206)
Type : RO - EDF
Software Reset : 0
Description :
This register gives the index of the sampling frequen-
cy of the stream currently decoded. Note that sam-
pling frequency indexes are given by table 5
STATUS_FE :
Address : 0x6F (111)
Type : RO - AEC
Software Reset : 0
Description :
This register give the status of the synchronization
process according following table.
b7
b6
b5
b4
b3
b2
b1
b0
Value
Mode
0
MP3
1
MP3_25
2
RESERVED
3
RESERVED
4
RESERVED
5
ADPCM
6
RESERVED
7
BYPASS
8
RESERVED
9
RESERVED
10
RESERVED
11
MPG2
12
RESERVED
13
RESERVED
14
RESERVED
15
RESERVED
16
RESERVED
17
RESERVED
18
UNKNOWN
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
b7
b6
b5
b4
b3
b2
b1
b0
Value
Level
0
Syncrho not started
1
Syncword found
2
Syncword search
3
Syncword hard to find



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com