Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337IMPX/NOPB Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # LM337IMPX/NOPB
Description  3-Terminal Adjustable Negative Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337IMPX/NOPB Datasheet(HTML) 17 Page - Texas Instruments

Back Button LM337IMPX/NOPB Datasheet HTML 13Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 14Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 15Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 16Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 17Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 18Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 19Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 20Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
LM137, LM337-N
www.ti.com
SNVS778E – MAY 1999 – REVISED JANUARY 2016
10.3 Thermal Considerations
10.3.1 Heatsinking SOT-223 Package Parts
The SOT-223 DCY packages use a copper plane on the PCB and the PCB itself as a heatsink. To optimize the
heat sinking ability of the plane and PCB, solder the tab of the package to the plane.
Figure 19 and Figure 20 show the information for the SOT-223 package. Figure 20 assumes a
θ(J−A) of 75°C/W
for 1 ounce copper and 51°C/W for 2 ounce copper and a maximum junction temperature of 125°C.
Figure 19.
θ(J−A) vs Copper (2 ounce) Area for the SOT-223 Package
Figure 20. Maximum Power Dissipation vs TAMB for the SOT-223 Package
See AN-1028, SNVA036, for power enhancement techniques to be used with the SOT-223 package.
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com