Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337IMPX/NOPB Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # LM337IMPX/NOPB
Description  3-Terminal Adjustable Negative Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337IMPX/NOPB Datasheet(HTML) 9 Page - Texas Instruments

Back Button LM337IMPX/NOPB Datasheet HTML 5Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 6Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 7Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 8Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 9Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 10Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 11Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 12Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
LM137, LM337-N
www.ti.com
SNVS778E – MAY 1999 – REVISED JANUARY 2016
Feature Description (continued)
LM137
VOUT = −10 V
VIN − VOUT = −40 V
IIL = 0 A → 0.25 A → 0 A
Vertical sensitivity, 5 mV/div
Figure 13. Output Drift (10W Pulse for 10ms)
In Figure 13, a typical LM137 device's output drifts only 3 mV (or 0.03% of VOUT = −10 V) when a 10-W pulse is
applied for 10 ms. This performance is thus well inside the specification limit of 0.02%/W × 10 W = 0.2%
maximum. When the 10-W pulse is ended, the thermal regulation again shows a 3-mV step at the LM137 chip
cools off.
NOTE
The load regulation error of about 8 mV (0.08%) is additional to the thermal regulation
error.
In Figure 14, when the 10-W pulse is applied for 100 ms, the output drifts only slightly beyond the drift in the first
10 ms, and the thermal error stays well within 0.1% (10 mV).
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com