Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337IMPX/NOPB Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # LM337IMPX/NOPB
Description  3-Terminal Adjustable Negative Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337IMPX/NOPB Datasheet(HTML) 3 Page - Texas Instruments

  LM337IMPX/NOPB Datasheet HTML 1Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 2Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 3Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 4Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 5Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 6Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 7Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 8Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
LM137, LM337-N
www.ti.com
SNVS778E – MAY 1999 – REVISED JANUARY 2016
5 Pin Configuration and Functions
TO Metal Can Package
TO-220 Plastic Package
3-Pin Package Number NDT0003A
Package Number NDE0003B
Bottom View
Front View
SOT-223
3-Lead Package Marked N02A
Front View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
TO-220
TO
SOT-223
ADJ
1
1
1
—
Adjust pin
VIN
2, TAB
3, CASE
2, 4
I
Input voltage pin for the regulator
VOUT
3
2
3
O
Output voltage pin for the regulator
Copyright © 1999–2016, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com