Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337IMPX/NOPB Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM337IMPX/NOPB
Description  3-Terminal Adjustable Negative Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337IMPX/NOPB Datasheet(HTML) 1 Page - Texas Instruments

  LM337IMPX/NOPB Datasheet HTML 1Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 2Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 3Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 4Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 5Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 6Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 7Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 8Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
(
)
OUT
ADJ
R
V
V
I
R
2
1.25
1
2
120
æ
ö
-
= -
+
+ -
´
ç
÷
è
ø
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LM137, LM337-N
SNVS778E – MAY 1999 – REVISED JANUARY 2016
LM137, LM337-N 3-Terminal Adjustable Negative Regulators
1 Features
3 Description
The LM137 and LM337-N are adjustable 3-terminal
1
•
1.5-A Output Current
negative voltage regulators capable of supplying
•
Line Regulation 0.01%/V (Typical)
−1.5 A or more currents over an output voltage range
•
Load Regulation 0.3% (Typical)
of
−1.25 V to −37 V. It requires only two external
resistors to set the output voltage and one output
•
77-dB Ripple Rejection
capacitor for frequency compensation. The circuit
•
50 ppm/°C Temperature Coefficient
design has been optimized for excellent regulation
•
Thermal Overload Protection
and low thermal transients. Further, the LM137 and
LM337-N feature internal current limiting, thermal
•
Internal Short-Circuit Current Limiting Protections
shutdown and safe-area compensation, making it
virtually blowout-proof against overloads.
2 Applications
The LM137 and LM337-N are ideal complements to
•
Industrial Power Supplies
the LM117 and LM317 adjustable positive regulators.
•
Factory Automation Systems
The LM137 has a wider operating temperature range
•
Building Automation Systems
than the LM337-N and is also offered in military and
•
PLC Systems
space qualified versions.
•
Instrumentation
Device Information(1)
•
IGBT Drive Negative Gate Supplies
PART NUMBER
PACKAGE
BODY SIZE (NOM)
•
Networking
LM137
TO (3)
8.255 mm × 8.255 mm
•
Set-Top Boxes
SOT-223 (4)
3.50 mm × 6.50 mm
LM337-N
TO (3)
8.255 mm × 8.255 mm
TO-220 (3)
10.16 mm × 14.986 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet. The LF01 is a lead formed (bent)
version of the TO-220 package.
Adjustable Negative Voltage Regulator
Full output current not available at high input-output voltages
†C1 = 1-
μF solid tantalum or 10-μF aluminum electrolytic required for stability
*C2 = 1-
μF solid tantalum is required only if regulator is more than 4″ from power-supply filter capacitor
Output capacitors in the range of 1-
μF to 1000-μF of aluminum or tantalum electrolytic are commonly used to provide
improved output impedance and rejection of transients
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LM337IMPX/NOPB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM337IMPX/NOPB TI1-LM337IMPX/NOPB Datasheet
2Mb / 22P
3-Terminal Adjustable Negative Regulators
More results

Similar Description - LM337IMPX/NOPB

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM137 NSC-LM137 Datasheet
836Kb / 12P
3-Terminal Adjustable Negative Regulators
LM137HV NSC-LM137HV Datasheet
340Kb / 10P
3-Terminal Adjustable Negative Regulators (High Voltage)
logo
Texas Instruments
LM137JAN TI1-LM137JAN Datasheet
349Kb / 18P
LM137JAN 3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML Datasheet
312Kb / 17P
3-Terminal Adjustable Negative Regulators
LM337IMP-NOPB TI1-LM337IMP-NOPB Datasheet
2Mb / 22P
3-Terminal Adjustable Negative Regulators
LM137QML TI-LM137QML_15 Datasheet
791Kb / 22P
LM137QML 3-Terminal Adjustable Negative Regulators
LM137JAN TI1-LM137JAN_13 Datasheet
791Kb / 18P
3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_16 Datasheet
833Kb / 22P
3-Terminal Adjustable Negative Regulators
LM137QML TI1-LM137QML_17 Datasheet
842Kb / 22P
3-Terminal Adjustable Negative Regulators
LM337-N-MIL TI1-LM337-N-MIL Datasheet
1Mb / 20P
3-Terminal Adjustable Negative Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com