Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM337IMPX/NOPB Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # LM337IMPX/NOPB
Description  3-Terminal Adjustable Negative Regulators
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM337IMPX/NOPB Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM337IMPX/NOPB Datasheet HTML 8Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 9Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 10Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 11Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 12Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 13Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 14Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 15Page - Texas Instruments LM337IMPX/NOPB Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 28 page
background image
(
)
OUT
ADJ
R
V
V
I
R
2
1.25
1
2
120
æ
ö
-
= -
+
+ -
´
ç
÷
è
ø
LM137, LM337-N
SNVS778E – MAY 1999 – REVISED JANUARY 2016
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
The LM137 and LM337-N are versatile, high performance, negative output linear regulators with high accuracy
and a wide temperature range. An output capacitor can be added to further improve transient response, and the
ADJ pin can be bypassed to achieve very high ripple-rejection ratios. The device's functionality can be utilized in
many different applications that require negative voltage supplies, such as bipolar amplifiers, operational
amplifiers, and constant current regulators.
8.2 Typical Applications
8.2.1 Adjustable Negative Voltage Regulator
The LM137 and LM337-N can be used as a simple, negative output regulator to enable a variety of output
voltages needed for demanding applications. By using an adjustable R2 resistor, a variety of negative output
voltages can be made possible as shown in Figure 16.
Full output current not available at high input-output voltages
†C1 = 1-
μF solid tantalum or 10-μF aluminum electrolytic required for stability
*C2 = 1-
μF solid tantalum is required only if regulator is more than 4 inches from power-supply filter capacitor
Output capacitors in the range of 1
μF to 1000 μF of aluminum or tantalum electrolytic are commonly used to provide
improved output impedance and rejection of transients
Figure 16. Adjustable Negative Voltage Regulator
(2)
8.2.1.1 Design Requirements
The device component count is very minimal, employing two resistors as part of a voltage divider circuit and an
output capacitor for load regulation. An input capacitor is needed if the device is more than 4 inches from the
filter capacitors.
8.2.1.2 Detailed Design Procedure
The output voltage is set based on the selection of the two resistors, R1 and R2, as shown in Figure 16.
12
Submit Documentation Feedback
Copyright © 1999–2016, Texas Instruments Incorporated
Product Folder Links: LM137 LM337-N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com